| Electronic Components Datasheet Search |
|
HR2000GS Datasheet(PDF) 14 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
HR2000GS Datasheet(HTML) 14 Page - Monolithic Power Systems |
|
14 / 20 page ![]() HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC HR2000 Rev. 1.0 www.MonolithicPower.com 14 2/20/2013 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2013 MPS. All Rights Reserved. FUNCTIONAL DESCRIPTION HR2000 includes Half-bridge part and PFC part. Half-bridge part In the typical application, the half-bridge can be defined to two basic states: Oscillating state and None-oscillating state. Non oscillating state: In non-oscillating state, IC stops to work. There are 4 sub-states: Start up state; Fault state; VCC under voltage state; Over temperature protection (OTP) state Start-up state When Vcc<Vcc(reset), HR2000 will get into Start- up state. Initially, the IC can be supplied from the outside resistor such as R207 in Figure1. All internal circuit is reset in this state. In this state, CP/EOL, Pre/FT, FC pin are discharged by the internal switches. Fault state There are two conditions resulting in Fault state. The first one is before Vvcc>Vvcc(reset), if VPreFT>Vfault(reset), then IC will not start up. The second one is after Pre/FT pin’s detection function is active in all oscillating sub-states, HR2000 will get into Fault state if Pre/FT pin voltage VPreFT>Vfault(ref) & low side drive is high. The following items will affect Pre/FT pin in oscillation state. The voltage detected by the sample circuit such as C211, C212, C213, D202, R204, R205 in Fig1. In EOL protection and Capacitive Mode protection, a current source Ifault(ch) will charge the capacitor at this pin such as C213 in Fig1. In PFC VO-low state a current source Ifault(disch) will discharge C213. Before Vvcc>Vvcc(reset), this pin will be detected. If VPreFT>Vfault(reset), IC will not start up. VCC under voltage state There is a hysteresis for Vcc detection. When power on, HR2000 begin’s to work after Vvcc>Vvcc(start). If Vvcc<Vvcc(low) & low side drive is high in oscillation state, the device will get into VCC under voltage state. OTP state The temperature is monitor by IC internal circuit. If detected temperature is higher than Thigh, then IC will get into non-oscillation state. When temperature is lower than Tlow, the oscillation is enabled again. Oscillating State After start-up state, once the VCC pin gets to the level VCC(start), IC begins to work. In oscillating state, there are 3 sub-states: Preheat state; Ignition state; Burn state; Half-bridge oscillator The oscillating frequency is programmed by the capacitor on CT pin. The capacitor on CT pin is charged by internal current source which is related to REF pin resistor and FC pin voltage which is voltage controlled current source for CT pin. The waveform of CT pin is saw-tooth and its frequency is twice of the half-bridge operating frequency. There is a dead time between UG and LG for ensuring their non-overlap operating. The dead time is defined by REF resistor. FC pin controls the operating frequency directly. Higher Vfc results in a lower frequency. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |