Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HR2000GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # HR2000GS
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button HR2000GS Datasheet HTML 12Page - Monolithic Power Systems HR2000GS Datasheet HTML 13Page - Monolithic Power Systems HR2000GS Datasheet HTML 14Page - Monolithic Power Systems HR2000GS Datasheet HTML 15Page - Monolithic Power Systems HR2000GS Datasheet HTML 16Page - Monolithic Power Systems HR2000GS Datasheet HTML 17Page - Monolithic Power Systems HR2000GS Datasheet HTML 18Page - Monolithic Power Systems HR2000GS Datasheet HTML 19Page - Monolithic Power Systems HR2000GS Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
16
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Capacitive protection in oscillating states.
They have been described in the related states
above.
VCC low protection
It is mentioned in VCC under voltage state.
Over temperature protection (OTP)
It is described in OTP state.
PFC part
In the typical application, PFC can be defined to
3 states:
Normal state;
VO-low state;
OVC state;
Normal state
PFC works at boundary conduction mode (BCM)
with Ton control. Fig3 shows the internal block.
Figure 3— PFC part block
The Ton is set by the voltage at Vo pin. Higher
Vvo, shorter Ton. The circuit in Fig1 shows the
example. ZCD pin detects the inductor current
zero-crossing point. When The Vzcd<Vzcdref,
Gate will be high and the external MOSFET will
be turned on.
In the range of Vvo(low)~Vvo(off), Ton varies
linearly from Ton(max) to zero. When Vvo>
Vvo(off), Ton is zero, and GATE pin is low.
The minimum turn off time is set internally to
1.4µs.
Vo-low state
In case of main voltage too low, PFC may not
maintain its intended output voltage. In order to
keep on working, the current sunk into Vo pin
is monitored. If it is lower than Ivo(low) the IC will
get into Vo-low state.
In Vo-low state:
There is a current Ifault(disch) to discharge
Pre/FT pin. This can increase the protection level.
EOL protection is disabled.
Vovc<Vovc(low) will overrule Vo-low condition.
OVC state
OVC pin monitors PFC output voltage and Boost
PFC MOSFET current. Fig1 shows the example.
If Vovc>Vovcref or Vovc<Vovclow, then PFC will
stop immediately.
Vovclow is set to prevent the absence of PFC
output detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com