Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP155 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP155
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP155 Datasheet HTML 1Page - Monolithic Power Systems MP155 Datasheet HTML 2Page - Monolithic Power Systems MP155 Datasheet HTML 3Page - Monolithic Power Systems MP155 Datasheet HTML 4Page - Monolithic Power Systems MP155 Datasheet HTML 5Page - Monolithic Power Systems MP155 Datasheet HTML 6Page - Monolithic Power Systems MP155 Datasheet HTML 7Page - Monolithic Power Systems MP155 Datasheet HTML 8Page - Monolithic Power Systems MP155 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
3
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 5.8V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Start-up Current Source (Drain Pin)
Internal regulator supply current
Iregulator
VCC=4V;VDrain=100V
2.5
3.5
4.5
mA
Drain pin leakage current
ILeak
VCC=5.8V;VDrain=400V
10
12
μA
Breakdown Voltage
V(BR)DSS
500
V
Supply Voltage Management (VCC Pin)
VCC regulator turn-off level (rising)
VCCOFF
5.4
5.6
5.8
V
VCC regulator turn-on level (falling)
VCCON
5.1
5.3
5.6
V
On and off VCC regulator hysteresis
250
mV
VCC turn-off level (falling)
VCCstop
3.4
V
VCC phase completion level (falling)
VCCpro
2.4
V
Internal IC consumption
ICC
VCC=5.8V, fs=37kHz,
D=40%
430
μA
Internal IC consumption (no
switching)
ICC
250
μA
Internal IC Consumption, latch-off
phase
ICCLATCH VCC=5.3V
16
μA
Internal MOSFET (Drain Pin)
Breakdown voltage
VBRDSS
500
V
ON-State resistance
Ron
20
Ω
Internal Current Sense
Peak current limit
ILimit
260
290
345
mA
Leading-edge blanking
τLEB1
350
ns
SCP point
ISCP
450
mA
Leading-edge blanking for SCP
τLEB2
180
ns
Feedback input (FB Pin)
Minimum OFF time
τminoff
15
18
21
μs
Primary MOSFET feedback turn-on
threshold
VFB
2.4
2.5
2.6
V
OLP feedback trigger threshold
VFB_OLP
1.6
1.7
1.8
V
Over-load protection delay
τOLP
fs=37kHz
170
ms
Open loop detection
VOLD
60
mV
Thermal Shutdown
Thermal shutdown threshold
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com