Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP155 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP155
Description  Energy Efficient Off-line Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP155 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP155 Datasheet HTML 7Page - Monolithic Power Systems MP155 Datasheet HTML 8Page - Monolithic Power Systems MP155 Datasheet HTML 9Page - Monolithic Power Systems MP155 Datasheet HTML 10Page - Monolithic Power Systems MP155 Datasheet HTML 11Page - Monolithic Power Systems MP155 Datasheet HTML 12Page - Monolithic Power Systems MP155 Datasheet HTML 13Page - Monolithic Power Systems MP155 Datasheet HTML 14Page - Monolithic Power Systems MP155 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP155 – ENERGY EFFICIENT OFF-LINE REGULATOR
MP155 Rev. 1.12
www.MonolithicPower.com
11
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Over Load Protection (OLP)
As the load increases, the peak current and the
switching frequency increase with the load. When
the switching frequency and peak current
reaches their maximums, the output voltage will
decrease if the load continues to increase. Then
the FB voltage will drop below OLP threshold.
By continuously monitoring the FB voltage, the
timer starts when the FB voltage drops below the
1.7V error flag threshold. Removing the error flag
resets the timer. If the timer continues to
completion at 170ms (fs =37kHz), OLP occurs.
This timer duration avoids triggering OLP when
the power supply starts up or enters a load
transition phase, and therefore requires that the
power supply start up in less than 170ms. A
different switching frequency (fs) changes the
over-load protection delay time, as shown below:
τ≈
×
Dealy
37kHz
170ms
fs
Short Circuit Protection (SCP)
The MP155 shuts down when the peak current
rises above 450mA as its short-circuit protection
threshold. The power supply resumes operation
after removing the fault.
Thermal shutdown (TSD)
To prevent from any lethal thermal damage, the
MP150 shuts down switching when the inner
temperature exceeds 150°C. During thermal
shutdown (TSD), the VCC drops to 2.4V, and
then the internal high voltage regulator recharges
VCC.
Open Loop Detection
If the VFB drops below 60mV, the IC will stop
working and begins a re-start cycle. The open-
loop detection is blanked for 128 switching cycles
during start-up.
Leading-Edge Blanking
An internal leading-edge blanking (LEB) unit
between the current sense resistor inside the IC
and
the
current
comparator
input
avoids
prematurely switching pulse termination due to
the parasitic capacitance. During the blanking
period, the current comparator is disabled and
cannot turn off the external MOSFET. Figure 6
shows leading-edge blanking.
Figure 6: Leading-Edge Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com