Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9224ARSZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9224ARSZ
Description  Complete 12-Bit, 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224ARSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9224ARSZ Datasheet HTML 3Page - Analog Devices AD9224ARSZ Datasheet HTML 4Page - Analog Devices AD9224ARSZ Datasheet HTML 5Page - Analog Devices AD9224ARSZ Datasheet HTML 6Page - Analog Devices AD9224ARSZ Datasheet HTML 7Page - Analog Devices AD9224ARSZ Datasheet HTML 8Page - Analog Devices AD9224ARSZ Datasheet HTML 9Page - Analog Devices AD9224ARSZ Datasheet HTML 10Page - Analog Devices AD9224ARSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD9224
–7–
REV. A
INPUT AMPLITUDE
0
–0.5
–60
–20
–40
40
10
50
30
20
60
70
80
SNR
SFDR
Figure 8. SNR/SFDR vs. AIN (Input Amplitude) (fIN = 20 MHz,
Input Span = 4.0 V p-p, VCM = 2.5 V Differential Input)
90
20
60
80
70
50
40
30
30
10
0
25
20
15
10
5
0.5
THD
SNR
INPUT FREQUENCY
Figure 9. +SNR/–THD vs. Input Frequency (Input Span =
4.0 V p-p, VCM = 2.5 V Single-Ended Input)
BIN
2093
167819
2857
N+1
N
N–1
Figure 10. “Grounded-Input” Histogram (Input Span =
2 V p-p)
SAMPLE RATE – MHz
90
30
60
60
80
70
50
40
50
40
30
20
10
Figure 11. THD vs. Sample Rate (AIN = –0.5 dB, VCM = 2.5 V
Input Span = 4.0 V p-p, VCM = 2.5 V Differential Input)
INPUT FREQUENCY
70
60
20
50
40
30
20
SNR
THD
15
10
5
0.5
25
30
70
90
80
10
0
35
40
45 50
55 60
65
Figure 12. +SNR/–THD vs. Input Frequency (FS = 32 MHz,
Input Span = 4.0 V p-p, VCM = 2.5 V Differential Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com