Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9224ARSZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9224ARSZ
Description  Complete 12-Bit, 40 MSPS Monolithic A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9224ARSZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9224ARSZ Datasheet HTML 6Page - Analog Devices AD9224ARSZ Datasheet HTML 7Page - Analog Devices AD9224ARSZ Datasheet HTML 8Page - Analog Devices AD9224ARSZ Datasheet HTML 9Page - Analog Devices AD9224ARSZ Datasheet HTML 10Page - Analog Devices AD9224ARSZ Datasheet HTML 11Page - Analog Devices AD9224ARSZ Datasheet HTML 12Page - Analog Devices AD9224ARSZ Datasheet HTML 13Page - Analog Devices AD9224ARSZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD9224
–10–
REV. A
REFERENCE OPERATION
The AD9224 contains an onboard bandgap reference that
provides a pin strappable option to generate either a 1 V or 2 V
output. With the addition of two external resistors, the user can
generate reference voltages other than 1 V and 2 V. Another
alternative is to use an external reference for designs requiring
enhanced accuracy and/or drift performance. See Table II for a
summary of the pin-strapping options for the AD9224 refer-
ence configurations.
Figure 16 shows a simplified model of the internal voltage
reference of the AD9224. A pin strappable reference ampli-
fier buffers a 1 V fixed reference. The output from the refer-
ence amplifier, A1, appears on the VREF pin. The voltage on
the VREF pin determines the full-scale input span of the A/D.
This input span equals,
Full-Scale Input Span = 2
× VREF
The voltage appearing at the VREF pin as well as the state of
the internal reference amplifier, A1, are determined by the
voltage appearing at the SENSE pin. The logic circuitry con-
tains two comparators which monitor the voltage at the SENSE
pin. The comparator with the lowest set point (approximately
0.3 V) controls the position of the switch within the feedback
path of A1. If the SENSE pin is tied to AVSS (AGND), the
switch is connected to the internal resistor network thus provid-
ing a VREF of 2.0 V. If the SENSE pin is tied to the VREF pin
via a short or resistor, the switch will connect to the SENSE
pin. This short will provide a VREF of 1.0 V. An external resis-
tor network will provide an alternative VREF between 1.0 V
and 2.0 V. The other comparator controls internal circuitry
that will disable the reference amplifier if the SENSE pin is tied
AVDD. Disabling the reference amplifier allows the VREF pin
to be driven by an external voltage reference.
A2
5k
5k
5k
5k
LOGIC
DISABLE
A2
6.25k
LOGIC
A1
6.25k
DISABLE
A1
1V
TO
A/D
AD9224
CAPT
CAPB
VREF
SENSE
REFCOM
Figure 16. Equivalent Reference Circuit
The actual reference voltages used by the internal circuitry of
the AD9224 appear on the CAPT and CAPB pins. For proper
operation when using the internal or an external reference, it is
necessary to add a capacitor network to decouple these pins.
Figure 17 shows the recommended decoupling network. This
capacitive network performs the following three functions: (1)
along with the reference amplifier, A2, it provides a low source
impedance over a large frequency range to drive the A/D inter-
nal circuitry, (2) it provides the necessary compensation for A2,
and (3) it bandlimits the noise contribution from the reference.
The turn-on time of the reference voltage appearing between
CAPT and CAPB is approximately 15 ms and should be evalu-
ated in any power-down mode of operation.
0.1 F
10 F
0.1 F
0.1 F
CAPT
CAPB
AD9224
Figure 17. Recommended CAPT/CAPB Decoupling Network
The A/D’s input span may be varied dynamically by changing
the differential reference voltage appearing across CAPT and
CAPB symmetrically around 2.5 V (i.e., midsupply). To change
the reference at speeds beyond the capabilities of A2, it will be
necessary to drive CAPT and CAPB with two high speed, low
noise amplifiers. In this case, both internal amplifiers (i.e., A1
and A2) must be disabled by connecting SENSE to AVDD,
connecting VREF to AVSS and removing the capacitive decou-
pling network. The external voltages applied to CAPT and
CAPB must be 2.0 V + Input Span/4 and 2.0 V – Input Span/4
respectively in which the input span can be varied between 2 V
and 4 V. Note that those samples within the pipeline A/D dur-
ing any reference transition will be corrupted and should be
discarded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com