Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1492 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1492
Description  2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1492 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1492 Datasheet HTML 1Page - Monolithic Power Systems MP1492 Datasheet HTML 2Page - Monolithic Power Systems MP1492 Datasheet HTML 3Page - Monolithic Power Systems MP1492 Datasheet HTML 4Page - Monolithic Power Systems MP1492 Datasheet HTML 5Page - Monolithic Power Systems MP1492 Datasheet HTML 6Page - Monolithic Power Systems MP1492 Datasheet HTML 7Page - Monolithic Power Systems MP1492 Datasheet HTML 8Page - Monolithic Power Systems MP1492 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
MP1492 – 2A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1492 Rev. 1.1
www.MonolithicPower.com
3
3/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN=0V
5
μA
Supply Current (Quiescent, Not
Switching)
IIN
VEN=2V, VFB=0.9V
1
mA
HS Switch On Resistance
HSRDS-ON
120
mΩ
LS Switch On Resistance
LSRDS-ON
70
mΩ
Switch Leakage
SWLKG
VEN=0V [VSW=0V or 12V]
0
10
μA
Current Limit
(5)
ILIMIT
After Soft-Start
Time-out
3.0
A
One-Shot On Time
TON
R7=300kΩ,VOUT=1.2V
250
ns
Minimum Off Time
TOFF
130
150
ns
Fold-back Off Time
TFB
ILIM=1
1.25
μs
OCP hold-off time
TOC
ILIM=1
50
μs
Feedback Voltage
VFB
789
805
821
mV
Feedback Current
IFB
VFB=800mV
10
50
nA
Soft Start Time
TSS
1
ms
EN Rising Threshold
VILEN
1.05
1.35
1.6
V
EN Threshold Hysteresis
VILEN
500
mV
VEN=2V
2
EN Input Current
IEN
VEN=0V
0
μA
VIN
Under
Voltage
Lockout
Threshold Rising
INUVVth
3.1
V
VIN
Under
Voltage
Lockout
Threshold Hysteresis
INUVHYS
300
mV
Thermal Shutdown
150
°C
Thermal Shutdown Hysteresis
25
°C
Note:
5) Guaranteed by design and characterization..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com