Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP1492 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1492
Description  2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1492 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1492 Datasheet HTML 2Page - Monolithic Power Systems MP1492 Datasheet HTML 3Page - Monolithic Power Systems MP1492 Datasheet HTML 4Page - Monolithic Power Systems MP1492 Datasheet HTML 5Page - Monolithic Power Systems MP1492 Datasheet HTML 6Page - Monolithic Power Systems MP1492 Datasheet HTML 7Page - Monolithic Power Systems MP1492 Datasheet HTML 8Page - Monolithic Power Systems MP1492 Datasheet HTML 9Page - Monolithic Power Systems MP1492 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP1492 – 2A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1492 Rev. 1.1
www.MonolithicPower.com
6
3/13/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=12V, VOUT=1.2V, L=2.2µH, TA=+25°C, unless otherwise noted.
VOUT/AC
50mV/div.
VIN/AC
50mV/div.
VSW
10V/div.
IL
1A/div.
VOUT/AC
20mV/div.
VIN/AC
20mV/div.
VSW
10V/div.
IL
2A/div.
VOUT/AC
10mV/div.
VIN/AC
100mV/div.
VSW
10V/div.
IL
2A/div.
Input/Output Voltage Ripple
IOUT = 0A
Input/Output Voltage Ripple
IOUT = 0.3A
Input/Output Voltage Ripple
IOUT = 2A
Start Up Through VIN
IOUT = 0A
Start Up Through VIN
IOUT = 2A
Shut Down Through VIN
IOUT = 0A
Shut Down Through VIN
IOUT =2A
Start Up Through EN
IOUT =0A
Start Up Through EN
IOUT = 2A
VOUT
500mV/div.
VIN
10V/div.
VSW
10V/div.
IL
1A/div.
VOUT
500mV/div.
VIN
10V/div.
VSW
10V/div.
IL
2A/div.
VOUT
500mV/div.
VIN
10V/div.
VSW
10V/div.
IL
2A/div.
VOUT
500mV/div.
VIN
5V/div.
VSW
10V/div.
IL
2A/div.
VOUT
500mV/div.
VEN
10V/div.
VSW
10V/div.
IL
1A/div.
VOUT
500mV/div.
VEN
10V/div.
VSW
10V/div.
IL
2A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com