Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2009 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2009
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2009 Datasheet HTML 1Page - Monolithic Power Systems MP2009 Datasheet HTML 2Page - Monolithic Power Systems MP2009 Datasheet HTML 3Page - Monolithic Power Systems MP2009 Datasheet HTML 4Page - Monolithic Power Systems MP2009 Datasheet HTML 5Page - Monolithic Power Systems MP2009 Datasheet HTML 6Page - Monolithic Power Systems MP2009 Datasheet HTML 7Page - Monolithic Power Systems MP2009 Datasheet HTML 8Page - Monolithic Power Systems MP2009 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP2009-ULTRA LOW NOISE, LOW DROPOUT,120mA LINEAR REGULATOR
MP2009 Rev. 1.2
www.MonolithicPower.com
3
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VOUT+0.5V, VEN= VIN, and CIN=1µF, COUT=1μF, Typical values are at TA=25°C, unless
otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2
6
V
IOUT =1mA,TA=25°C
-1
1
IOUT =100µA to 80mA,TA=25°C
-2
2
Output Voltage Accuracy
IOUT =100µA to 80mA,
TA=-20°C ~85°C
±
3
%
Maximum Output Current
IOUT
120
mA
VOUT =1.8V
OUT=90% of nominal value
130
200
300
mA
VOUT =2.5V
OUT=90% of nominal value
160
230
330
mA
Current Limit
ILIM
VOUT =3.3V
OUT=90% of nominal value
180
250
350
mA
VOUT =1.8V, IOUT =80mA
115
240
mV
VOUT =1.8V, IOUT =120mA
172
mV
VOUT =2.5V, IOUT =80mA
100
220
mV
VOUT =2.5V, IOUT =120mA
140
mV
VOUT =3.3V, IOUT =80mA
80
200
mV
Dropout Voltage
(5)
VOUT =3.3V, IOUT =120mA
120
mV
IOUT =0.05mA
50
90
Ground Current
IQ
VIN=Vout-0.1V, IOUT =0mA
50
90
µA
Line Regulation
(6)
VLNR
VIN=Vout+0.5V to 6V
IOUT =0.1mA
0.03
%/V
Load Regulation
(7)
VLDR
IOUT =1mA to 120mA
0.002
%/mA
TA=25°C
0.01
1
Shutdown Supply Current
ISHDN
VEN=0
TA=85°C
0.2
µA
F=1kHz, IOUT =10mA
78
F=10kHz, IOUT =10mA
75
Ripple Rejection
PSRR
F=100kHz, IOUT =10mA
55
dB
F=100Hz to 30kHz
ILOAD=10mA
16
Output Noise Voltage
F=100Hz to 30kHz
ILOAD=80mA
17
µVRMS
EN Startup delay
(8)
RLOAD=50Ω
150
µs
TA=25°C
0.4
VEN Logic Low Level
VIN=2V to 6V
TA=85°C
0.3
V
VEN Logic High Level
VIN=2V to 6V
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com