Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2009 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2009
Description  Ultra-Low-Noise Low-Dropout, 120mA Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2009 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2009 Datasheet HTML 6Page - Monolithic Power Systems MP2009 Datasheet HTML 7Page - Monolithic Power Systems MP2009 Datasheet HTML 8Page - Monolithic Power Systems MP2009 Datasheet HTML 9Page - Monolithic Power Systems MP2009 Datasheet HTML 10Page - Monolithic Power Systems MP2009 Datasheet HTML 11Page - Monolithic Power Systems MP2009 Datasheet HTML 12Page - Monolithic Power Systems MP2009 Datasheet HTML 13Page - Monolithic Power Systems MP2009 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MP2009-ULTRA LOW NOISE, LOW DROPOUT,120mA LINEAR REGULATOR
MP2009 Rev. 1.2
www.MonolithicPower.com
12
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature difference between the
junction and ambient air, and the rate of airflow.
The power dissipation across the device can be
represented by the equation:
P = (VIN - VOUT) ×IOUT
The
allowable
power
dissipation
can
be
calculated using the following equation:
P(MAX) = (TJunction - TAmbient) / θJA
Where (TJunction - TAmbient) is the temperature
difference
between
the
junction
and
the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connecting the GND pin of
MP2009 to ground with a large ground plane will
help the channel heat away.
Output Noise and PSRR
For the MP2009, an internal 50pF bypass
capacitor with new innovative structure reduces
output noises greatly. It does not need external
bypass capacitor for space-limiting applications.
The power supply rejection is 75dB at 10kHz and
55dB at 100kHz. (See the PSRR vs. Frequency
graph
in
the
Typical
Performance
Characteristics).
Input Capacitor Selection
Use a 1µF capacitor on the input of the MP2009.
Larger values will help to improve line transient
response with the drawback of increased size.
Ceramic
capacitors
are
preferred,
but
tantalum
capacitors may also suffice.
Output Capacitor Selection
The MP2009 is designed specifically to work with
very low ESR ceramic output capacitor in space-
limiting and performance consideration. Output
capacitor of larger values will help to improve
load transient response and reduce noise with
the drawback of increased size. A 1µF ceramic
capacitor with ESR lower than 3Ω is sufficient for
the MP2009 application circuit. (See the Region
of Stable COUT ESR vs. Load Current graph in the
Typical Performance Characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com