Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL8N10LF3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STL8N10LF3
Description  N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N10LF3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STL8N10LF3 Datasheet HTML 2Page - STMicroelectronics STL8N10LF3 Datasheet HTML 3Page - STMicroelectronics STL8N10LF3 Datasheet HTML 4Page - STMicroelectronics STL8N10LF3 Datasheet HTML 5Page - STMicroelectronics STL8N10LF3 Datasheet HTML 6Page - STMicroelectronics STL8N10LF3 Datasheet HTML 7Page - STMicroelectronics STL8N10LF3 Datasheet HTML 8Page - STMicroelectronics STL8N10LF3 Datasheet HTML 9Page - STMicroelectronics STL8N10LF3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STL8N10LF3
6/13
Doc ID 023977 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized VDS vs temperature
Figure 7.
Static drain-source on-resistance
ID
10
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
10ms
100ms
1s
Tj=175°C
Tc=25°C
Single pulse
AM13017v1
10
-4
10
-3
10
-2
10
-1
tp(s)
10
-2
10
-1
K
0.2
0.05
0.02
0.01
0.1
Single pulse
δ=0.5
10
0
10
1
10
-3
Zth_AM13007v1
ID
15
10
5
0
0
2
VDS(V)
4
(A)
1
3
20
25
5V
4V
VGS=10V
AM13018v1
ID
15
10
5
0
0
2
VGS(V)
4
(A)
1
3
20
25
VDS=4V
AM13019v1
VDS
-75
TJ(°C)
(norm)
-25
75
25
125
0.90
0.94
0.98
1.02
1.06
ID=1mA
1.10
AM13010v1
RDS(on)
25.0
24.8
24.6
24.4
2
4
ID(A)
(m
Ω)
3
5
25.2
25.4
6
7
VGS=10V
AM13020v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com