Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STL8N10LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL8N10LF3
Description  N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL8N10LF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL8N10LF3 Datasheet HTML 1Page - STMicroelectronics STL8N10LF3 Datasheet HTML 2Page - STMicroelectronics STL8N10LF3 Datasheet HTML 3Page - STMicroelectronics STL8N10LF3 Datasheet HTML 4Page - STMicroelectronics STL8N10LF3 Datasheet HTML 5Page - STMicroelectronics STL8N10LF3 Datasheet HTML 6Page - STMicroelectronics STL8N10LF3 Datasheet HTML 7Page - STMicroelectronics STL8N10LF3 Datasheet HTML 8Page - STMicroelectronics STL8N10LF3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
January 2013
Doc ID 023977 Rev 1
1/13
13
STL8N10LF3
N-channel 100 V, 25 m
Ω typ., 7.8 A STripFET™ III
Power MOSFET in a PowerFLAT™ 5x6 package
Datasheet — production data
Features
■ Logic level VGS(th)
■ 175 °C maximum junction temperature
■ 100% avalanche rated
Applications
■ Switching applications
■ Automotive
Description
This device is an N-channel enhancement mode
Power MOSFET produced using
STMicroelectronics’ STripFET™ III technology,
which is specifically designed to minimize on-
resistance and gate charge to provide superior
switching performance.
Figure 1.
Internal schematic diagram
Order code
VDS
RDS(on) max
ID
STL8N10LF3
100 V
35 m
Ω
7.8 A (1)
1.
The value is rated according to Rthj-pcb
PowerFLAT™ 5x6
1
2
3
4
Table 1.
Device summary
Order code
Marking
Package
Packaging
STL8N10LF3
8N10LF3
PowerFLAT™ 5x6
Tape and reel
www.st.com


Similar Part No. - STL8N10LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL8N10F7 STMICROELECTRONICS-STL8N10F7 Datasheet
619Kb / 14P
High avalanche ruggedness
05-Dec-2014
More results

Similar Description - STL8N10LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
15-Oct-2012
STL8DN6LF3 STMICROELECTRONICS-STL8DN6LF3 Datasheet
1Mb / 18P
Automotive-grade dual N-channel 60 V, 22.5 m typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
20-Feb-2014
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
29-May-2012
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
1Mb / 5P
N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
March 2011 Rev 6
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL8DN10LF3 STMICROELECTRONICS-STL8DN10LF3 Datasheet
917Kb / 15P
Automotive-grade dual N-channel 100 V, 25 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 double island package
10-Jul-2015
STL60N10F7 STMICROELECTRONICS-STL60N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0145 Ω typ., 12 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
October 2013 Rev 3
STL90N10F7 STMICROELECTRONICS-STL90N10F7 Datasheet
482Kb / 14P
N-channel 100 V, 0.007 Ω typ., 70 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
March 2015 Rev 4
STL100N10F7 STMICROELECTRONICS-STL100N10F7 Datasheet
1Mb / 16P
N-channel 100 V, 0.0062 Ω typ., 19 A, STripFET™ VII DeepGATE™ Power MOSFET in a PowerFLAT™ 5x6 package
July 2013 Rev 4
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com