Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS632LSA Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ATS632LSA
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS632LSA Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ATS632LSA Datasheet HTML 4Page - Allegro MicroSystems ATS632LSA Datasheet HTML 5Page - Allegro MicroSystems ATS632LSA Datasheet HTML 6Page - Allegro MicroSystems ATS632LSA Datasheet HTML 7Page - Allegro MicroSystems ATS632LSA Datasheet HTML 8Page - Allegro MicroSystems ATS632LSA Datasheet HTML 9Page - Allegro MicroSystems ATS632LSA Datasheet HTML 10Page - Allegro MicroSystems ATS632LSA Datasheet HTML 11Page - Allegro MicroSystems ATS632LSA Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ATS632LSA
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
continued next page…
APPLICATIONS INFORMATION — Continued
Operation From a Regulated Power Supply. These
devices require minimal protection circuitry during opera-
tion from a low-voltage regulated line. The on-chip
voltage regulator provides immunity to power supply
variations between 4.5 V and 24 V. However, even while
operating from a regulated line, some supply and output
filtering is required to provide immunity to coupled and
injected noise on the supply line. A basic RC low-pass
filter circuit (R1C1) on the supply line and an optional
output capacitor (C2) is recommended for operation in
noisy environments. In extremely noisy environments, a
filter capacitor at pin 3 may also be required. Because the
device has an open collector output, an output pull-up
resistor must be added either at the sensor module or at
the controller.
The protection circuitry can easily be added to a PC
board for use with this device. Provisions have been
made for easy mounting of a PC board on the back of the
unit. PC board installation parallel to the device axis is
also possible.
Dwg. AH-007
1
2
3
4
3
Dwg. EH-008-3A
12
4
Vcc
20
Ω
R L
0.033
µF
100 pF
100 pF
OUTPUT
SUPPLY
C3
C2
C 1
R 1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com