Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS632LSA Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS632LSA
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS632LSA Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS632LSA Datasheet HTML 4Page - Allegro MicroSystems ATS632LSA Datasheet HTML 5Page - Allegro MicroSystems ATS632LSA Datasheet HTML 6Page - Allegro MicroSystems ATS632LSA Datasheet HTML 7Page - Allegro MicroSystems ATS632LSA Datasheet HTML 8Page - Allegro MicroSystems ATS632LSA Datasheet HTML 9Page - Allegro MicroSystems ATS632LSA Datasheet HTML 10Page - Allegro MicroSystems ATS632LSA Datasheet HTML 11Page - Allegro MicroSystems ATS632LSA Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ATS632LSA
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
Additional applications Information on gear-tooth and
other Hall-effect sensors is provided in the Allegro Inte-
grated and Discrete Semiconductors Data Book or
Application Note 27701.
APPLICATIONS INFORMATION — Continued
3
12
4
Vcc
Dwg. EH-008-2A
20
Ω
RL
0.033
µF
100 pF
100 pF
OUTPUT
SUPPLY
0.1
µF
2.5 k
Ω
6.8 V
C3
C 2
C1
R 1
R Z
C S
X
Operation from an Unregulated Power Supply. In
applications where the device gets its power from an
unregulated supply such as an automotive battery, full
protection is generally required. In addition to supply
regulation, such applications require the device to with-
stand various supply side transients. Specifications for
such transients vary between car manufacturers and
protection circuit design should be optimized for each
application. In the circuit shown below, a simple Zener-
controlled regulator is constructed using discrete compo-
nents. The RC low-pass filter on the supply line (R1C1)
and a low-value supply bypass capacitor (CS) can be
included, if necessary, so as to minimize the susceptibility
to EMI/RFI. The NPN should be chosen with sufficiently
high forward breakdown voltage so as to hold off supply-
side transients. The series diode should be chosen with
sufficiently high reverse breakdown capabilities so as to
withstand the most negative transient. The current-limiting
resistor (RZ) and the Zener diode should be sized for
power dissipation requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com