Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS32101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS32101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
- 2 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS32101
Version 2.0
PINOUT
TS32101
VOUT
VOUT
ISEN
VOUT
VIN
NC
NC
VSW
PIN DESCRIPTION
Pin Symbol
Pin #
Function
Description
VOUT
1
Output Voltage
Connects to main output capacitor. Internally shorted
to pins 2 and 16
VOUT
2
Output Voltage
Connects to main output capacitor. Internally shorted
to pins 1 and 16
VOUT
3
Output Voltage
Connects to main output capacitor and is utilized for
output current sensing.
ISEN
4
Output Current Sense Feedback
Provides output current sensing
FB
5
Output Voltage Feedback
Feedback point for output voltage
GND
6
GND
Primary ground for the majority of the device except
the low-side power FET.
EN
7
Enable Input
Tie EN pin high to enable device.
PG
8
PG Output
Open-drain output for Power Good.
N/C
9
Not Used
Connect to GND
N/C
10
Not Used
Connect to GND
VIN
11
Input Voltage
Connect to input supply and input capacitor.
VSW
12
Switching Voltage Node
Connected to 1.0uH (typical) inductor
PGND
13
Power GND
GND supply for internal low-side FET
VSW
14
Switching Voltage Node
Connected to 1.0uH (typical) inductor
PGND
15
Power GND
GND supply for internal low-side FET
VOUT
16
Output Voltage
Connects to main output capacitor. Internally shorted
to pins 1 and 2
TS32101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com