Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS32101 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TS32101
Description  High Efficiency DC/DC Boost Converter for USB, 2Mhz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS32101 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TS32101 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS32101 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
- 1 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS32101
Version 2.0
DESCRIPTION
FEATURES
 Output up to 1.5A at 5.0V with 1.8V input
 Wide input voltage range: 1.75V – 5.0V
 Output current up to 2A
 Robust operation during hot-load
disconnect and hot-load disable
 Adjustable output voltage up to 5.5V
 Adjustable output current limit
 Includes full output isolation/reverse
current blocking when disabled
 2 MHz ± 10% fixed switching frequency
 Low power mode
 High efficiency – up to 95%
 Full protection for over-current, over-
temperature, VOUT over-voltage, and VIN
under-voltage
 Power good/fault indication
SUMMARY SPECIFICATIONS
 Ambient operating temperature -40C to 85C
 Packaged in a 16pin QFN (3x3)
TYPICAL APPLICATION
GND
EN
VOUT
PG
PGND
COUT
LOUT
VIN
RPULLUP
(optional)
VDD
CIN
VSW
VOUT2
1 uH
2 x 22 uF
FB
TS32101
CFF
RTOP
RBOT
RSENSE
ISEN
COUT2
The TS32101 is a DC/DC synchronous switching
Boost Converter with fully integrated power
switches,
internal
PWM
current
mode
compensation, and full fault protection. The
switching frequency of 2 MHz was chosen to
enable the use of small external components for
portable applications.
The device also has a
constant output current limit loop to provide a
sharp output current limit that doesn’t move
significantly with
input
voltage
and output
voltage.
APPLICATIONS
 USB power
 Portable products
 Wireless remote sensors
 Emergency chargers
 Battery-powered chargers for portable
equipment
Compatible with Ni-MH, Ni-Cd, Li-Ion
Alkaline sources
High Efficiency DC/DC Boost Converter for USB, 2Mhz


Similar Part No. - TS32101

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS32101 SEMTECH-TS32101 Datasheet
903Kb / 12P
High Efficiency DC/DC Boost Converter for USB, 2Mhz
More results

Similar Description - TS32101

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
Semtech Corporation
TS32101 SEMTECH-TS32101 Datasheet
903Kb / 12P
High Efficiency DC/DC Boost Converter for USB, 2Mhz
logo
STMicroelectronics
STEVAL-ILL003V2 STMICROELECTRONICS-STEVAL-ILL003V2 Datasheet
100Kb / 4P
DC-DC converter for high efficiency
28-Nov-2007
logo
Lowpower Semiconductor ...
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
logo
Diodes Incorporated
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
Rev erse
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
QX Micro Devices Co.,Lt...
QX2304 QXMD-QX2304 Datasheet
240Kb / 2P
High-efficiency PFM synchronous boost DC-DC converter
logo
Lowpower Semiconductor ...
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com