Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2303ADP Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2303ADP
Description  3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303ADP Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2303ADP Datasheet HTML 1Page - Monolithic Power Systems MP2303ADP Datasheet HTML 2Page - Monolithic Power Systems MP2303ADP Datasheet HTML 3Page - Monolithic Power Systems MP2303ADP Datasheet HTML 4Page - Monolithic Power Systems MP2303ADP Datasheet HTML 5Page - Monolithic Power Systems MP2303ADP Datasheet HTML 6Page - Monolithic Power Systems MP2303ADP Datasheet HTML 7Page - Monolithic Power Systems MP2303ADP Datasheet HTML 8Page - Monolithic Power Systems MP2303ADP Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP2303A
3A, 28V, 360kHz Synchronous Rectified
Step-Down Converter
MP2303A Rev.1.1
www.MonolithicPower.com
1
7/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2303A is a monolithic synchronous
buck regulator. The device integrates a 150mΩ
high-side MOSFET and a 80mΩ low-side
MOSFET that provide 3A continuous load
current over a wide operating input voltage of
4.7V to 28V. Current mode control provides fast
transient response and cycle-by-cycle current
limit.
An adjustable soft-start prevents inrush current
at turn-on. In shutdown mode, the supply
current drops to lower than 1μA.
This device, available in an 8-pin SOIC and
PDIP-8 packages, provides a very compact
system solution with minimal reliance on
external components.
FEATURES
 3A Output Current
 Wide 4.7V to 28V Operating Input Range
 Integrated MOSFET Switches
 Output Adjustable from 0.80V to 25V
 Up to 95% Efficiency
 Programmable Soft-Start
 Stable with Low ESR Ceramic Output Capacitors
 Fixed 360kHz Frequency
 Cycle-by-Cycle Over Current Protection
 Input Under Voltage Lockout
 Available in thermally enhanced 8-Pin SOIC
and PDIP-8 packages
APPLICATIONS
 Distributed Power Systems
 Pre-Regulator for Linear Regulators
 Notebook Computers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C5
10nF
MP2303A
BS
IN
1
2
3
5
6
4
8
7
FB
SW
SS
GND
COMP
EN
40
50
60
70
80
90
100
OUTPUT CURRENT
0
0.5 1.0 1.5 2.0 2.5
3.5
3.0
VIN=5V
VIN=12V
VIN=24V
VOUT=3.3
VIN=28V


Similar Part No. - MP2303ADP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
348Kb / 12P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP2303ADP

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
3A 32V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
TD2786 TECHCODE-TD2786 Datasheet
606Kb / 16P
3A 30V Synchronous Rectified Step-Down Converter
logo
Analog Microelectronics
AME5268 AME-AME5268 Datasheet
203Kb / 20P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com