Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2372 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2372
Description  3A, 28V, 925KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2372 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2372 Datasheet HTML 1Page - Monolithic Power Systems MP2372 Datasheet HTML 2Page - Monolithic Power Systems MP2372 Datasheet HTML 3Page - Monolithic Power Systems MP2372 Datasheet HTML 4Page - Monolithic Power Systems MP2372 Datasheet HTML 5Page - Monolithic Power Systems MP2372 Datasheet HTML 6Page - Monolithic Power Systems MP2372 Datasheet HTML 7Page - Monolithic Power Systems MP2372 Datasheet HTML 8Page - Monolithic Power Systems MP2372 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2372 – 3A, 28V, 925KHZ STEP-DOWN CONVERTER
MP2372 Rev. 0.92
www.MonolithicPower.com
3
12/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max Units
Shutdown Supply Current
Isupply
VEN = 0V
20
30
μA
Quiesent Supply Current
Iq
VEN = 3V, VFB =1.4V
1.3
1.5
mA
Feedback Voltage
VFB
4.5V
≤ VIN ≤ 28V,
VCOMP < 2V
0.892 0.920 0.948
V
Error Amplifier Voltage Gain
AVEA
400
V/V
Error Amplifier Transconductance
GEA
ΔICOMP = ±10μA
690
μA/V
High-Side Switch-On Resistance
RDS(ON)1
100
mΩ
Low-Side Switch-On Resistance
RDS(ON)2
10
Ω
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
0.1
10
μA
Short Circuit Current Limit
6.5
A
Current Sense to COMP Transconductance
GCS
6.0
A/V
Oscillation Frequency
fS
925
KHz
Short Circuit Oscillation Frequency
VFB = 0V
110
KHz
Maximum Duty Cycle
DMAX
VFB = 0.8V
76
80
99
%
Minimum On Time
TON
130
ns
EN Threshold Voltage
0.9
1.2
1.5
V
Enable Pull Up Current
VEN = 0V
0.9
1.6
2.3
μA
Under Voltage Lockout Threshold Rising
2.3
2.6
2.9
V
Under Voltage Lockout Threshold Hysteresis
210
mV
Soft-Start Period
CSS = 0.1μF L=10μH
CO=47μF IO=3A(CC)
10
ms
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com