Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2372 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2372
Description  3A, 28V, 925KHz Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2372 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2372 Datasheet HTML 1Page - Monolithic Power Systems MP2372 Datasheet HTML 2Page - Monolithic Power Systems MP2372 Datasheet HTML 3Page - Monolithic Power Systems MP2372 Datasheet HTML 4Page - Monolithic Power Systems MP2372 Datasheet HTML 5Page - Monolithic Power Systems MP2372 Datasheet HTML 6Page - Monolithic Power Systems MP2372 Datasheet HTML 7Page - Monolithic Power Systems MP2372 Datasheet HTML 8Page - Monolithic Power Systems MP2372 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP2372 – 3A, 28V, 925KHZ STEP-DOWN CONVERTER
MP2372 Rev. 0.92
www.MonolithicPower.com
5
12/22/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, C1 = 10µF, C2 = 47µF, L = 10µH and TA = +25°C, unless otherwise
noted.
4ms/div.
4ms/div.
1s/div.
VOUT
10mV/div.
VSW
10V/div.
VIN
5V/div.
IINDUCTOR
2A/div.
VOUT
2V/div.
VEN
5V/div.
VOUT
2V/div.
VEN
5V/div.
IINDUCTOR
1A/div.
IINDUCTOR
2A/div.
VSW
10V/div.
VSW
10V/div.
VOUT
2V/div.
VEN
5V/div.
IINDUCTOR
2A/div.
VSW
10V/div.
VOUT
2V/div.
VEN
5V/div.
IINDUCTOR
1A/div.
VSW
10V/div.
SHORT
VOUT
2V/div.
VIN
5V/div.
IINDUCTOR
2A/div.
VSW
10V/div.
Operating Range
0.10
1.00
10.00
100.00
1.0
10.0
100.0
Input Voltage (V)
Steady State Operation
IOUT = 3A, VOUT=3.3V
Startup Through Enable
IOUT = 0A, VOUT=3.3V
Startup Through Enable
IOUT = 3A, VOUT=3.3V
Shutdown Through Enable
IOUT = 3A, VOUT=3.3V
Shutdown Through Enable
IOUT = 0A, VOUT=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com