Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP52N06V Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP52N06V
Description  TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.022 OHM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP52N06V Datasheet(HTML) 1 Page - Motorola, Inc

  MTP52N06V Datasheet HTML 1Page - Motorola, Inc MTP52N06V Datasheet HTML 2Page - Motorola, Inc MTP52N06V Datasheet HTML 3Page - Motorola, Inc MTP52N06V Datasheet HTML 4Page - Motorola, Inc MTP52N06V Datasheet HTML 5Page - Motorola, Inc MTP52N06V Datasheet HTML 6Page - Motorola, Inc MTP52N06V Datasheet HTML 7Page - Motorola, Inc MTP52N06V Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
TMOS V™
Power Field Effect Transistor
N–Channel Enhancement–Mode Silicon Gate
TMOS V is a new technology designed to achieve an on–resis-
tance area product about one–half that of standard MOSFETs. This
new technology more than doubles the present cell density of our
50 and 60 volt TMOS devices. Just as with our TMOS E–FET
designs, TMOS V is designed to withstand high energy in the
avalanche and commutation modes. Designed for low voltage, high
speed switching applications in power supplies, converters and
power motor controls, these devices are particularly well suited for
bridge circuits where diode speed and commutating safe operating
areas are critical and offer additional safety margin against
unexpected voltage transients.
New Features of TMOS V
• On–resistance Area Product about One–half that of Standard
MOSFETs with New Low Voltage, Low RDS(on) Technology
• Faster Switching than E–FET Predecessors
Features Common to TMOS V and TMOS E–FETS
• Avalanche Energy Specified
• IDSS and VDS(on) Specified at Elevated Temperature
• Static Parameters are the Same for both TMOS V and TMOS E–FET
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Non–Repetitive (tp ≤ 10 ms)
VGS
VGSM
± 20
± 25
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
52
41
182
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
188
1.25
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 175
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, IL = 52 Apk, L = 0.3 mH, RG = 25 Ω)
EAS
406
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
0.8
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET, Designer’s, and TMOS V are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 3
Order this document
by MTP52N06V/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTP52N06V
TMOS POWER FET
52 AMPERES
60 VOLTS
RDS(on) = 0.022 OHM
Motorola Preferred Device
CASE 221A–06, Style 5
TO–220AB
TM
D
S
G
© Motorola, Inc. 1996


Similar Part No. - MTP52N06V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP52N06V ONSEMI-MTP52N06V Datasheet
210Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 5
logo
VBsemi Electronics Co.,...
MTP52N06V VBSEMI-MTP52N06V Datasheet
1Mb / 9P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
MTP52N06V ISC-MTP52N06V Datasheet
295Kb / 2P
isc N-Channel MOSFET Transistor
logo
Motorola, Inc
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
logo
ON Semiconductor
MTP52N06VL ONSEMI-MTP52N06VL Datasheet
212Kb / 7P
N?묬hannel Power MOSFET
August, 2006 ??Rev. 7
More results

Similar Description - MTP52N06V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTB52N06V MOTOROLA-MTB52N06V Datasheet
198Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTB52N06VL MOTOROLA-MTB52N06VL Datasheet
200Kb / 10P
TMOS POWER FET 52 AMPERES 60 VOLTS
MTD20N06V MOTOROLA-MTD20N06V Datasheet
257Kb / 10P
TMOS POWER FET 20 AMPERES 60 VOLTS RDS(on) = 0.080 OHM
MTD5P06E MOTOROLA-MTD5P06E Datasheet
208Kb / 10P
TMOS POWER FET 5.0 AMPERES 60 VOLTS RDS(on) = 0.55 OHM
MTD5P06V MOTOROLA-MTD5P06V Datasheet
245Kb / 10P
TMOS POWER FET 5 AMPERES 60 VOLTS RDS(on) = 0.450 OHM
MTP15N06VL MOTOROLA-MTP15N06VL Datasheet
216Kb / 8P
TMOS POWER FET 15 AMPERES 60 VOLTS RDS(on) = 0.085 OHM
MTP3055V MOTOROLA-MTP3055V Datasheet
160Kb / 8P
TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.15 OHM
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com