Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2487DN Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2487DN
Description  55V, 1A High Power LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2487DN Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2487DN Datasheet HTML 1Page - Monolithic Power Systems MP2487DN Datasheet HTML 2Page - Monolithic Power Systems MP2487DN Datasheet HTML 3Page - Monolithic Power Systems MP2487DN Datasheet HTML 4Page - Monolithic Power Systems MP2487DN Datasheet HTML 5Page - Monolithic Power Systems MP2487DN Datasheet HTML 6Page - Monolithic Power Systems MP2487DN Datasheet HTML 7Page - Monolithic Power Systems MP2487DN Datasheet HTML 8Page - Monolithic Power Systems MP2487DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2487 – 55V, 1A, HIGH-POWER LEDS DRIVER
MP2487 Rev. 1.0
www.MonolithicPower.com
4
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Switch Node. This is the output from the high-side switch. A low VF Schottky
rectifier to ground is required. The rectifier must be close to the SW pins to reduce
switching spikes.
2
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down.
Pulling it up above the specified threshold or leaving it floating enables the chip.
3
COMP
Compensation. This node is the output of the GM error amplifier. Control loop
frequency compensation is applied to this pin.
4
FB
Feedback. This is the input to the error amplifier. An external current sensing
resistor is connected in series with the LEDs to GND. The feedback voltage is
connected to this pin and is compared to the internal +200mV reference to set the
regulation current.
5
GND,
Exposed pad
Ground. It should be connected as close as possible to the output capacitor
avoiding the high current switch paths. Connect exposed pad to GND plane for
optimal thermal performance.
6
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to
set the switching frequency.
7
VIN
Input Supply. This supplies power to all the internal control circuitry, both BS
regulators and the high-side switch. A decoupling capacitor to ground must be
placed close to this pin to minimize the switching spikes.
8
BST
Bootstrap. This is the positive power supply for the internal floating high-side
MOSFET driver. Connect a bypass capacitor between this pin and SW pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com