Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2487DN Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2487DN
Description  55V, 1A High Power LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2487DN Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2487DN Datasheet HTML 5Page - Monolithic Power Systems MP2487DN Datasheet HTML 6Page - Monolithic Power Systems MP2487DN Datasheet HTML 7Page - Monolithic Power Systems MP2487DN Datasheet HTML 8Page - Monolithic Power Systems MP2487DN Datasheet HTML 9Page - Monolithic Power Systems MP2487DN Datasheet HTML 10Page - Monolithic Power Systems MP2487DN Datasheet HTML 11Page - Monolithic Power Systems MP2487DN Datasheet HTML 12Page - Monolithic Power Systems MP2487DN Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2487 – 55V, 1A, HIGH-POWER LEDS DRIVER
MP2487 Rev. 1.0
www.MonolithicPower.com
10
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Output Capacitor COUT
The output capacitor (COUT) is required to reduce
the LED current ripple. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low so that the AC ripple
current through the LEDs is small. The output
voltage ripple can be estimated by:
OUT
OUT
OUT
2
IN
SOUT
VV
ΔV1
V
8f
L1 C
⎛⎞
=× −
⎜⎟
×× ×
⎝⎠
For most application, a 2.2uF~4.7uF ceramic
capacitor is recommended.
Compensation Components
MP2487 employs current mode control for easy
compensation and fast transient response. The
system stability and transient response are
controlled through the COMP pin. COMP pin is
the output of the internal error amplifier. A series
capacitor-resistor combination (RCOM and CCOM1)
sets a pole-zero combination to control the
characteristics of the control system. The DC
gain of the current feedback loop is given by:
VDC
FB
CS
VEA
AR
G
A
=×
×
Where AVEA is the error amplifier voltage gain,
400V/V;
GCS
is
the
current
sense
transconductance, 2.6A/V; RFB is the current
sensing resistor value.
The system has two poles of importance. One is
due to the compensation capacitor (CCOM1) and
the
output
resistor
of
error
amplifier
(REA=AVEA/GEA). GEA is the error amplifier
transconductance, 500μA/V. The other is due to
the output capacitor and the LEDs’ AC resistor
(RLED=ΔVOUT/ΔILED). These poles are located at:
P1
COM1
EA
1
f
2C
R
=
π×
×
P2
OUT
LED
1
f
2C
R
=
π×
×
The system has one zero of importance, due to
the compensation capacitor (CCOM1) and the
compensation resistor (RCOM). This zero is
located at:
Z1
COM1
COM
1
f
2C
R
=
π×
×
The
system
may
have
another
zero
of
importance, if the output capacitor has a large
capacitance and/or a high ESR value. The zero,
due to the ESR and capacitance of the output
capacitor, is located at:
ESR
OUT
ESR
1
f
2C
R
=
π×
×
In this case, a third pole set by the compensation
capacitor (CCOM2) and the compensation resistor
(RCOM) is used to compensate the effect of the
ESR zero on the loop gain. This pole is located at:
P3
COM2
COM
1
f
2C
R
=
π×
×
The goal of compensation design is to shape the
converter transfer function to get a desired loop
gain and phase margin. The system crossover
frequency where the feedback loop has the unity
gain is important. Lower crossover frequencies
result in slower line and load transient responses,
while higher crossover frequencies could cause
system unstable. A good rule of thumb is to set
the crossover frequency to approximately one-
tenth of the switching frequency. To optimize the
compensation components for conditions, the
following procedure can be used.
1. Choose the compensation resistor (RCOM) to
set the desired crossover frequency. Determine
the RCOM value by the following equation:
OUT
LED
C
COM
FB
EA
CS
2C
R
f
R
RG
G
π ××
×
=
××
Where fC is the desired crossover frequency.
2. Choose the compensation capacitor (CCOM1) to
achieve
the
desired
phase
margin.
For
applications with typical inductor values, setting
the compensation zero, fZ1, below one forth of the
crossover frequency provides sufficient phase
margin. Determine the CCOM1 value by the
following equation:
COM1
COM
C
4
C
2R
f
>
π×
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com