Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 23 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 23 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 19Page - Microchip Technology DSPIC30F4012 Datasheet HTML 20Page - Microchip Technology DSPIC30F4012 Datasheet HTML 21Page - Microchip Technology DSPIC30F4012 Datasheet HTML 22Page - Microchip Technology DSPIC30F4012 Datasheet HTML 23Page - Microchip Technology DSPIC30F4012 Datasheet HTML 24Page - Microchip Technology DSPIC30F4012 Datasheet HTML 25Page - Microchip Technology DSPIC30F4012 Datasheet HTML 26Page - Microchip Technology DSPIC30F4012 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70135E-page 21
dsPIC30F4011/4012
3.0
MEMORY ORGANIZATION
3.1
Program Address Space
The program address space is 4M instruction words. It
is addressable by the 23-bit PC, table instruction
Effective Address (EA) or data space EA, when
program space is mapped into data space as defined
by Table 3-1. Note that the program space address is
incremented by two between successive program
words in order to provide compatibility with data space
addressing.
User program space access is restricted to the lower
4M instruction word address range (0x000000 to
0x7FFFFE) for all accesses other than TBLRD/TBLWT,
which use TBLPAG<7> to determine user or configura-
tion space access. In Table 3-1, read/write instructions,
bit 23 allows access to the Device ID, the User ID and
the Configuration bits; otherwise, bit 23 is always clear.
FIGURE 3-1:
PROGRAM SPACE
MEMORY MAP FOR
dsPIC30F4011/4012
Note: This data sheet summarizes features of this group
of dsPIC30F devices and is not intended to be a complete
reference source. For more information on the CPU,
peripherals, register descriptions and general device
functionality, refer to the “dsPIC30F Family Reference
Manual” (DS70046). For more information on the device
instruction set and programming, refer to the “dsPIC30F/
33F Programmer’s Reference Manual” (DS70157).
Reset – Target Address
000000
00007E
000002
000080
Device Configuration
User Flash
Program Memory
008000
007FFE
Data EEPROM
(16K instructions)
(1 Kbyte)
800000
F80000
Registers
F8000E
F80010
DEVID (2)
FEFFFE
FF0000
FFFFFE
Reserved
F7FFFE
Reserved
7FFC00
7FFBFE
(Read ‘0’s)
8005FE
800600
UNITID (32 instr.)
8005BE
8005C0
Reset – GOTO Instruction
000004
Reserved
7FFFFE
Reserved
000100
0000FE
000084
Alternate Vector Table
Reserved
Interrupt Vector Table
Vector Tables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com