| Electronic Components Datasheet Search |
|
DSPIC30F4012 Datasheet(PDF) 99 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC30F4012 Datasheet(HTML) 99 Page - Microchip Technology |
|
99 / 236 page ![]() © 2007 Microchip Technology Inc. DS70135E-page 97 dsPIC30F4011/4012 15.7.1 DEAD-TIME GENERATORS Each complementary output pair for the PWM module has a 6-bit down counter that is used to produce the dead-time insertion. As shown in Figure 15-4, each dead-time unit has a rising and falling edge detector connected to the duty cycle comparison output. 15.7.2 DEAD-TIME RANGES The amount of dead time provided by the dead-time unit is selected by specifying the input clock prescaler value and a 6-bit unsigned value. Four input clock prescaler selections have been provided to allow a suitable range of dead time based on the device operating frequency. The dead-time clock prescaler values are selected using the DTAPS<1:0> control bits in the DTCON1 SFR. One of four clock prescaler options (TCY, 2 TCY, 4 TCY or 8 TCY) may be selected. After the prescaler value is selected, the dead time is adjusted by loading 6-bit unsigned values into the DTCON1 SFR. The dead-time unit prescaler is cleared on the following events: • On a load of the down timer due to a duty cycle comparison edge event. • On a write to the DTCON1 register. • On any device Reset. FIGURE 15-4: DEAD-TIME TIMING DIAGRAM Note: The user should not modify the DTCON1 value while the PWM module is operating (PTEN = 1). Unexpected results may occur. Duty Cycle Generator PWMxH PWMxL Dead-Time A (Active) Dead-Time A (Inactive) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |