Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 150 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 150 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 146Page - Microchip Technology DSPIC30F4012 Datasheet HTML 147Page - Microchip Technology DSPIC30F4012 Datasheet HTML 148Page - Microchip Technology DSPIC30F4012 Datasheet HTML 149Page - Microchip Technology DSPIC30F4012 Datasheet HTML 150Page - Microchip Technology DSPIC30F4012 Datasheet HTML 151Page - Microchip Technology DSPIC30F4012 Datasheet HTML 152Page - Microchip Technology DSPIC30F4012 Datasheet HTML 153Page - Microchip Technology DSPIC30F4012 Datasheet HTML 154Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 236 page
background image
dsPIC30F4011/4012
DS70135E-page 148
© 2007 Microchip Technology Inc.
21.2
Oscillator Configurations
21.2.1
INITIAL CLOCK SOURCE
SELECTION
While coming out of Power-on Reset or Brown-out
Reset, the device selects its clock source based on:
a)
The FOS<1:0> Configuration bits that select one
of four oscillator groups.
b)
The FPR<3:0> Configuration bits that select one
of 13 oscillator choices within the primary group.
The selection is as shown in Table 21-2.
21.2.2
OSCILLATOR START-UP TIMER
(OST)
In order to ensure that a crystal oscillator (or ceramic
resonator) has started and stabilized, an Oscillator
Start-up Timer (OST) is included. It is a simple, 10-bit
counter that counts 1024 TOSC cycles before releasing
the oscillator clock to the rest of the system. The time-
out period is designated as TOST. The TOST time is
involved every time the oscillator has to restart (i.e., on
POR, BOR and wake-up from Sleep). The Oscillator
Start-up Timer is applied to the LP, XT, XTL and HS
modes (upon wake-up from Sleep, POR and BOR) for
the primary oscillator.
TABLE 21-2:
CONFIGURATION BIT VALUES FOR CLOCK SELECTION
Oscillator Mode
Oscillator
Source
FOS1
FOS0
FPR3
FPR2
FPR1
FPR0
OSC2
Function
EC
Primary
1
1
1011
CLKO
ECIO
Primary
1
1
1100
I/O
EC w/PLL 4x
Primary
1
1
1101
I/O
EC w/PLL 8x
Primary
1
1
1110
I/O
EC w/PLL 16x
Primary
1
1
1111
I/O
ERC
Primary
1
1
1001
CLKO
ERCIO
Primary
1
1
1000
I/O
XT
Primary
1
1
0100
OSC2
XT w/PLL 4x
Primary
1
1
0101
OSC2
XT w/PLL 8x
Primary
1
1
0110
OSC2
XT w/PLL 16x
Primary
1
1
0111
OSC2
XTL
Primary
1
1
0000
OSC2
HS
Primary
1
1
0010
OSC2
FRC w/PLL 4x
Primary
1
1
0001
I/O
FRC w/PLL 8x
Primary
1
1
1010
I/O
FRC w/PLL 16x
Primary
1
1
0011
I/O
LP
Secondary
0
0
————
(Notes 1, 2)
FRC
Internal FRC
0
1
————
(Notes 1, 2)
LPRC
Internal LPRC
1
0
————
(Notes 1, 2)
Note 1:
OSC2 pin function is determined by the Primary Oscillator mode selection (FPR<3:0>).
2:
Note that the OSC1 pin cannot be used as an I/O pin, even if the secondary oscillator or an internal clock
source is selected at all times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com