Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 101 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 101 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 97Page - Microchip Technology DSPIC30F4012 Datasheet HTML 98Page - Microchip Technology DSPIC30F4012 Datasheet HTML 99Page - Microchip Technology DSPIC30F4012 Datasheet HTML 100Page - Microchip Technology DSPIC30F4012 Datasheet HTML 101Page - Microchip Technology DSPIC30F4012 Datasheet HTML 102Page - Microchip Technology DSPIC30F4012 Datasheet HTML 103Page - Microchip Technology DSPIC30F4012 Datasheet HTML 104Page - Microchip Technology DSPIC30F4012 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 99
dsPIC30F6010A/6015
FIGURE 15-4:
DEAD-TIME TIMING DIAGRAM
15.8
Independent PWM Output
An independent PWM Output mode is required for driv-
ing certain types of loads. A particular PWM output pair
is in the Independent Output mode when the corre-
sponding PMOD bit in the PWMCON1 register is set.
No dead-time control is implemented between adjacent
PWM I/O pins when the module is operating in the
Independent mode and both I/O pins are allowed to be
active simultaneously.
In the Independent mode, each duty cycle generator is
connected to both of the PWM I/O pins in an output
pair. By using the associated Duty Cycle register and
the appropriate bits in the OVDCON register, the user
may select the following signal output options for each
PWM I/O pin operating in the Independent mode:
• I/O pin outputs PWM signal
• I/O pin inactive
• I/O pin active
15.9
Single-Pulse PWM Operation
The PWM module produces single pulse outputs when
the PTCON control bits PTMOD<1:0> = 10. Only edge-
aligned outputs may be produced in the Single-Pulse
mode. In Single-Pulse mode, the PWM I/O pin(s) are
driven to the active state when the PTEN bit is set.
When a match with a Duty Cycle register occurs, the
PWM I/O pin is driven to the inactive state. When a
match with the PTPER register occurs, the PTMR
register is cleared, all active PWM I/O pins are driven
to the inactive state, the PTEN bit is cleared, and an
interrupt is generated.
15.10 PWM Output Override
The PWM output override bits allow the user to manu-
ally drive the PWM I/O pins to specified logic states,
independent of the duty cycle comparison units.
All control bits associated with the PWM output over-
ride function are contained in the OVDCON register.
The upper half of the OVDCON register contains eight
bits, POVDxH<4:1> and POVDxL<4:1>, that determine
which PWM I/O pins will be overridden. The lower half
of
the
OVDCON
register
contains
eight
bits,
POUTxH<4:1> and POUTxL<4:1>, that determine the
state of the PWM I/O pins when a particular output is
overridden via the POVD bits.
15.10.1
COMPLEMENTARY OUTPUT MODE
When a PWMxL pin is driven active via the OVDCON
register, the output signal is forced to be the comple-
ment of the corresponding PWMxH pin in the pair.
Dead-time insertion is still performed when PWM
channels are overridden manually.
15.10.2
OVERRIDE SYNCHRONIZATION
If the OSYNC bit in the PWMCON2 register is set, all
output overrides performed via the OVDCON register
are synchronized to the PWM time base. Synchronous
output overrides occur at the following times:
• Edge-Aligned mode, when PTMR is zero.
• Center-Aligned modes, when PTMR is zero and
when the value of PTMR matches PTPER.
Duty Cycle Generator
PWMxH
PWMxL
Time selected by DTSxA bit (A or B)
Time selected by DTSxI bit (A or B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com