Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 103 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 103 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 99Page - Microchip Technology DSPIC30F4012 Datasheet HTML 100Page - Microchip Technology DSPIC30F4012 Datasheet HTML 101Page - Microchip Technology DSPIC30F4012 Datasheet HTML 102Page - Microchip Technology DSPIC30F4012 Datasheet HTML 103Page - Microchip Technology DSPIC30F4012 Datasheet HTML 104Page - Microchip Technology DSPIC30F4012 Datasheet HTML 105Page - Microchip Technology DSPIC30F4012 Datasheet HTML 106Page - Microchip Technology DSPIC30F4012 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 236 page
background image
© 2007 Microchip Technology Inc.
DS70150C-page 101
dsPIC30F6010A/6015
15.13 PWM Update Lockout
For a complex PWM application, the user may need to
write up to four Duty Cycle registers and the Time Base
Period register, PTPER, at a given time. In some appli-
cations, it is important that all buffer registers be written
before the new duty cycle and period values are loaded
for use by the module.
The PWM update lockout feature is enabled by setting
the UDIS control bit in the PWMCON2 SFR. The UDIS
bit affects all Duty Cycle Buffer registers and the PWM
time base period buffer, PTPER. No duty cycle
changes or period value changes will have effect while
UDIS = 1.
If the IUE bit is set, any change to the Duty Cycle reg-
isters will be immediately updated regardless of the
UDIS bit state. The PWM Period register updates
(PTPER) are not affected by the IUE control bit.
15.14 PWM Special Event Trigger
The PWM module has a special event trigger that
allows A/D conversions to be synchronized to the PWM
time base. The A/D sampling and conversion time may
be programmed to occur at any point within the PWM
period. The special event trigger allows the user to min-
imize the delay between the time when A/D conversion
results are acquired and the time when the duty cycle
value is updated.
The PWM special event trigger has an SFR named
SEVTCMP, and five control bits to control its operation.
The PTMR value for which a special event trigger
should occur is loaded into the SEVTCMP register.
When the PWM time base is in an Up/Down Counting
mode, an additional control bit is required to specify the
counting phase for the special event trigger. The count
phase is selected using the SEVTDIR control bit in the
SEVTCMP SFR. If the SEVTDIR bit is cleared, the spe-
cial event trigger will occur on the upward counting
cycle of the PWM time base. If the SEVTDIR bit is set,
the special event trigger will occur on the downward
count cycle of the PWM time base. The SEVTDIR
control bit has no effect unless the PWM time base is
configured for an Up/Down Counting mode.
15.14.1
SPECIAL EVENT TRIGGER
POSTSCALER
The PWM special event trigger has a postscaler that
allows a 1:1 to 1:16 postscale ratio. The postscaler is
configured by writing the SEVOPS<3:0> control bits in
the PWMCON2 SFR.
The special event output postscaler is cleared on the
following events:
• Any write to the SEVTCMP register
• Any device Reset
15.15 PWM Operation During CPU Sleep
Mode
The Fault A and Fault B input pins have the ability to
wake the CPU from Sleep mode. The PWM module
generates an interrupt if either of the Fault pins is
driven low while in Sleep.
15.16 PWM Operation During CPU Idle
Mode
The PTCON SFR contains a PTSIDL control bit. This
bit determines if the PWM module will continue to
operate or stop when the device enters Idle mode. If
PTSIDL = 0, the module will continue to operate. If
PTSIDL = 1, the module will stop operation as long as
the CPU remains in Idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com