Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F4012 Datasheet(PDF) 104 Page - Microchip Technology

Part # DSPIC30F4012
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F4012 Datasheet(HTML) 104 Page - Microchip Technology

Back Button DSPIC30F4012 Datasheet HTML 100Page - Microchip Technology DSPIC30F4012 Datasheet HTML 101Page - Microchip Technology DSPIC30F4012 Datasheet HTML 102Page - Microchip Technology DSPIC30F4012 Datasheet HTML 103Page - Microchip Technology DSPIC30F4012 Datasheet HTML 104Page - Microchip Technology DSPIC30F4012 Datasheet HTML 105Page - Microchip Technology DSPIC30F4012 Datasheet HTML 106Page - Microchip Technology DSPIC30F4012 Datasheet HTML 107Page - Microchip Technology DSPIC30F4012 Datasheet HTML 108Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 236 page
background image
TABLE 15-2:
8-OUTPUT PWM REGISTER MAP
SFR Name Addr.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset State
PTCON
01C0
PTEN
—PTSIDL
—
—
—
—
—
PTOPS<3:0>
PTCKPS<1:0>
PTMOD<1:0>
0000 0000 0000 0000
PTMR
01C2
PTDIR
PWM Timer Count Value
0000 0000 0000 0000
PTPER
01C4
—
PWM Time Base Period Register
0111 1111 1111 1111
SEVTCMP
01C6 SEVTDIR
PWM Special Event Compare Register
0000 0000 0000 0000
PWMCON1
01C8
—
—
—
—
PTMOD4 PTMOD3 PTMOD2 PTMOD1
PEN4H
PEN3H
PEN2H
PEN1H
PEN4L
PEN3L
PEN2L
PEN1L
0000 0000 1111 1111
PWMCON2 01CA
—
—
—
—
SEVOPS<3:0>
—
—
—
—
—
IUE
OSYNC
UDIS
0000 0000 0000 0000
DTCON1
01CC
DTBPS<1:0>
Dead-Time B Value
DTAPS<1:0>
Dead-Time A Value
0000 0000 0000 0000
DTCON2
01CE
—
—
—
—
—
—
—
—
DTS4A
DTS4I
DTS3A
DTS3I
DTS2A
DTS2I
DTS1A
DTS1I
0000 0000 0000 0000
FLTACON
01D0
FAOV4H
FAOV4L
FAOV3H
FAOV3L
FAOV2H
FAOV2L
FAOV1H
FAOV1L
FLTAM
—
—
—
FAEN4
FAEN3
FAEN2
FAEN1
0000 0000 0000 0000
FLTBCON
01D2
FBOV4H
FBOV4L
FBOV3H
FBOV3L
FBOV2H
FBOV2L
FBOV1H
FBOV1L
FLTBM
—
—
—
FBEN4
FBEN3
FBEN2
FBEN1
0000 0000 0000 0000
OVDCON
01D4
POVD4H
POVD4L POVD3H POVD3L POVD2H POVD2L POVD1H POVD1L POUT4H POUT4L POUT3H POUT3L POUT2H POUT2L POUT1H POUT1L 1111 1111 0000 0000
PDC1
01D6
PWM Duty Cycle #1 Register
0000 0000 0000 0000
PDC2
01D8
PWM Duty Cycle #2 Register
0000 0000 0000 0000
PDC3
01DA
PWM Duty Cycle #3 Register
0000 0000 0000 0000
PDC4
01DC
PWM Duty Cycle #4 Register
0000 0000 0000 0000
Legend:
u
= uninitialized bit
Note:
Refer to “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com