Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2495 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2495
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2495 Datasheet HTML 3Page - Monolithic Power Systems MP2495 Datasheet HTML 4Page - Monolithic Power Systems MP2495 Datasheet HTML 5Page - Monolithic Power Systems MP2495 Datasheet HTML 6Page - Monolithic Power Systems MP2495 Datasheet HTML 7Page - Monolithic Power Systems MP2495 Datasheet HTML 8Page - Monolithic Power Systems MP2495 Datasheet HTML 9Page - Monolithic Power Systems MP2495 Datasheet HTML 10Page - Monolithic Power Systems MP2495 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP2495– INTEGRATED100VLOAD DUMPPROTECTION,2ASTEPDOWNREGULATORWITH OUTPUTCURRENTCONTROL
MP2495 Rev. 1.0
www.MonolithicPower.com
7
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VCTR=12V, C1=C2=4.7μF, C3=C4=10μF, C8=0.1μF, L=12μH, TA=25ºC, unless otherwise noted
200ms/div
VCTR
10V/div.
VCTR
10V/div.
VCTR
10V/div.
VCTR
10V/div.
VCTR
10V/div.
VOUT
10V/div.
IIN
1A/div.
VDD/VIN
50V/div.
VDD/VIN
50V/div.
VDD/VIN
50V/div.
VDD/VIN
50V/div.
VDD/VIN
50V/div.
VDD/VIN
50V/div.
VDD/VIN
50V/div.
IOUT
2A/div.
V
IN=98V
V
DD =39V
IOUT
V
IN=81V
V
DD =39V
V
DD =37V
V
CTR =12V
VCRT
VCRT
IOUT
IIN
=0A
2s/div
40ms/div
IOUT
1.0A/div.
81V Continue Input Pulse
VIN=10V plus 72V pulse, with
VOUT=5V, IOUT=1.8A Load
V
IN=812V
V
IN=81V
V
DD =35V
V
CTR
I
IN
IIN
1.0A/div.
2s/div
V
IN=72V
V
DD =33V
V
OUT =5V
IOUT =0A
VOUT
10V/div.
IOUT
1.0A/div.
200ms/div
V
IN=72V
V
DD =34V
V
OUT =5V
=12V
I
IN=0.24A
I
IN=0.97A
IIN
1.0A/div.
100ms/div
V
IN=80V
V
DD =38V
I
IN
IIN
1.0A/div.
1s/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com