Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2495 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2495
Description  Integrated 100V Load Dump Protection, 2A Step Down Regulator with Output Current Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2495 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2495 Datasheet HTML 1Page - Monolithic Power Systems MP2495 Datasheet HTML 2Page - Monolithic Power Systems MP2495 Datasheet HTML 3Page - Monolithic Power Systems MP2495 Datasheet HTML 4Page - Monolithic Power Systems MP2495 Datasheet HTML 5Page - Monolithic Power Systems MP2495 Datasheet HTML 6Page - Monolithic Power Systems MP2495 Datasheet HTML 7Page - Monolithic Power Systems MP2495 Datasheet HTML 8Page - Monolithic Power Systems MP2495 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2495
Integrated 100V Load Dump Protection, 2A Step
Down Regulator with Output Current Control
MP2495 Rev. 1.0
www.MonolithicPower.com
1
7/24/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2495 is a monolithic step-down switch
mode converter with a programmable output
current limit and an integrated input over-
voltage protection switch It achieves 2.0A
continuous output current over a wide input
supply range with excellent load and line
regulation.
The
maximum
output
current
can
be
programmed by sensing current through the
inductor DC resistance (DCR) or an accurate
sense resistor.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP2495 can survive high-voltage transients
such as those found in automotive and industrial
applications.
The MP2495 requires a minimum number of
readily available standard external components.
The MP2495 is available in a 16-pin SOIC package.
FEATURES
• Replaces External Transorb
• Input Surge Protection Up to 100V
• Programmable up to 2.0A Output Current
• Output Adjustable from 0.8V to 15V
• Programmable Output Current Limit without
power loss
• 0.25Ω Internal Power MOSFET Switch
• Stable with Low ESR Output Ceramic
Capacitors
• 95% Efficiency @ 500mA (Vo=5V)
• Fixed 700kHz Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Available in a 16-Pin SOIC Package
APPLICATIONS
•
USB Power Supplies
•
Automotive Cigarette Lighter Adapters
•
Power Supply for Linear Chargers
“All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.
TYPICAL APPLICATION
C9
10nF
C6
10nF
EN
VIN
VOUT
GND
5V
R5
D1
L1
IN
IN
VDD
OUT
OUT
BST
ISN
SW
ISP
GND
FB
EN
CTR
SS
MP2495
D2
2
16
5
8
14
9
10
7
12
4
13
3
15
1
GND
Typical 12V
Surge Voltage to 80V
50
60
70
80
90
100
LOAD CURRENT (mA)
Efficiency vs.
Load Current
10
100
1000
10000
VOUT=5V
VIN=8V
VIN=12V
VIN=24V


Similar Part No. - MP2495

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2490 MPS-MP2490 Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490CP MPS-MP2490CP Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DQ MPS-MP2490DQ Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2490DS MPS-MP2490DS Datasheet
338Kb / 13P
1.5A, 36V, 700KHz Step-Down Converter with Programmable Output Current Limit
MP2491CGQB MPS-MP2491CGQB Datasheet
1Mb / 20P
32V, 6A, Step-Down Converter with Programmable Current Limit and Output Voltage Scaling Control
Rev. 1.0
More results

Similar Description - MP2495

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
LOAD DUMP TRANSIENT PROTECTION
Apr-2000
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
Sanken electric
SI-8005Q SANKEN-SI-8005Q Datasheet
1Mb / 2P
Step-Down Switching Regulator with Current-Mode Control
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
18V 2A Step-Down Switching Regulator 2A Output Current
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
logo
Monolithic Power System...
MP2498 MPS-MP2498 Datasheet
492Kb / 16P
Integrated 100V Load Dump Protection, 2A Step-Down Regulator
MP2499 MPS-MP2499 Datasheet
1,002Kb / 12P
Integrated 100V Load Dump Protection 2A, 100kHz Step Down Regulator with Programmable Output Current
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
logo
Shenzhen Huazhimei Semi...
HM3125 HMSEMI-HM3125 Datasheet
1Mb / 6P
Input 20-100V output 2A asynchronous step-down controller
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
Transient protection load dump
22-Jun-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com