Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2633 Datasheet(PDF) 25 Page - Monolithic Power Systems

Part # MP2633
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633 Datasheet(HTML) 25 Page - Monolithic Power Systems

Back Button MP2633 Datasheet HTML 21Page - Monolithic Power Systems MP2633 Datasheet HTML 22Page - Monolithic Power Systems MP2633 Datasheet HTML 23Page - Monolithic Power Systems MP2633 Datasheet HTML 24Page - Monolithic Power Systems MP2633 Datasheet HTML 25Page - Monolithic Power Systems MP2633 Datasheet HTML 26Page - Monolithic Power Systems MP2633 Datasheet HTML 27Page - Monolithic Power Systems MP2633 Datasheet HTML 28Page - Monolithic Power Systems MP2633 Datasheet HTML 29Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
25
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
on
requirements
rather
than
worst-case
conditions
while
ensuring
safe
operation.
Furthermore, the part includes thermal shutdown
protection where the ceases charging if the
junction temperature rises to 150°C.
Fully Operation Indication
The MP2633 integrates indicators for the
following conditions as shown in Table 2.
Table 2: Indicator for Each Operation Mode
Operation
ACOK
----------------
CHG
------------
BOOST
-------------------
Charging
Low
End of Charge, charging disabled
High
Charge Mode
NTC Fault, Timer Out
Low
Blinking
High
Boost Mode
High
High
Low
Sleep Mode, VCC absent
High
High
High
BOOST MODE OPERATION
Low-Voltage Start-Up
The minimum battery voltage required to start up
the circuit in boost mode is 2.9V. Initially, when
VSYS < VBATT, the MP2633 works in down mode.
In this mode, the synchronous P-MOSFET stops
switching and its gate connects to VBATT statically.
The P_MOSFET keeps off as long as the voltage
across the parasitic CDS (VSW) is lower than VBATT.
When the voltage across CDS exceeds VBATT, the
synchronous P-MOSFET enters a linear mode
allowing the inductor current to decrease and
flowing into the SYS pin. Once VSYS exceeds
VBATT, the P-MOSFET gate is released and
normal closed-loop PWM operation is initiated. In
boost mode, the battery voltage can drop to as
low as 2.5V without affecting circuit operation.
SYS Disconnect and Inrush Limiting
The MP2633 allows for true output disconnect by
eliminating body diode conduction of the internal
P-MOSFET rectifier. VSYS can go to 0V during
shutdown, drawing no current from the input
source. It also allows for inrush current limiting at
start-up, minimizing surge currents from the input
supply. To optimize the benefits of output
disconnect,
avoid
connecting
an
external
Schottky diode between the SW and SYS pins.
Board layout is extremely critical to minimize
voltage overshoot at the SW pin due to stray
inductance. Keep the output filter capacitor as
close as possible to the SYS pin and use very
low ESR/ESL ceramic capacitors tied to a good
ground plane.
Boost Output Voltage
In the boost mode, the MP2633 programs the
output voltage via the external resistor divider at
FB pin, and provides built-in output over-voltage
protection (OVP) to protect the device and other
components against damage when VSYS goes
beyond 6V. Should output over-voltage occur,
the MP2633 turns off the boost converter. Once
VSYS drops to a normal level, the boost converter
restarts again as long as the MODE pin remains
in active status.
Boost Output-Current Limiting
The MP2633 integrates a programmable output
current limit function in boost mode. If the boost
output current exceeds this programmable limit
threshold, the output current will be limited at this
level and the SYS voltage will start to drop down.
The OLIM pin programs the current limit
threshold up to 1.5A as per the following
equation:
7
.
1
)
m
((
1
RS
)
mV
(
40
)
k
(
R
)
k
(
70
)
A
(
I
OLIM
OLIM
×
Ω
×
Ω
Ω
=
(6)
Where: the 40mV is the charge current limiting
reference.
SYS Output Over Current Protection
The MP2633 integrates three-phase output over-
current protection.
Phase one (boost mode): when the output
current exceeds the output current limit, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com