Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP2633 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP2633
Description  1.5A Single Cell Switch Mode Battery Charger with Power Path Management and Boost OTG
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2633 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP2633 Datasheet HTML 25Page - Monolithic Power Systems MP2633 Datasheet HTML 26Page - Monolithic Power Systems MP2633 Datasheet HTML 27Page - Monolithic Power Systems MP2633 Datasheet HTML 28Page - Monolithic Power Systems MP2633 Datasheet HTML 29Page - Monolithic Power Systems MP2633 Datasheet HTML 30Page - Monolithic Power Systems MP2633 Datasheet HTML 31Page - Monolithic Power Systems MP2633 Datasheet HTML 32Page - Monolithic Power Systems MP2633 Datasheet HTML 33Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
MP2633 – 1.5A SINGLE CELL SWITCH MODE BATTERY CHARGER
MP2633 Rev. 1.05
www.MonolithicPower.com
30
4/19/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
L
f
C
8
V
/
V
1
V
V
r
2
S
BATT
SYS
BATT
BATT
BATT
BATT
×
×
×
−
=
Δ
=
Δ
(29)
2.
Boost Mode
The capacitor CBATT is the input capacitor of
the boost converter. The input voltage ripple
is the same as the output voltage ripple from
equation (29).
Both charge mode and boost mode have the
same battery voltage ripple. The capacitor CBATT
can be calculated as:
L
f
r
8
V
/
V
1
C
2
S
MAX
_
BATT
MAX
_
SYS
TC
BATT
×
×
Δ
×
−
=
(30)
To guarantee the ±0.5% BATT voltage accuracy,
the maximum BATT voltage ripple must not
exceed 0.5% (e.g., 0.1%). The worst case occurs
at the minimum battery voltage of the CC charge
with the maximum input voltage.
For VSYS_MAX=6V, VCC_MIN=VTC=3V, L=3.9µH,
fS=600kHz or 1.2MHz,
%
1
.
0
r
MAX
_
BATT
=
Δ
, CBATT is
22µF (for a 600kHz switching frequency) or 10µF
(for a 1.2MHz switching frequency).
A 22µF ceramic with X5R or X7R dielectrics
capacitor in parallel with a 220uF electrolytic
capacitor will suffice.
PCB LAYOUT GUIDE
PCB layout is very important to meet specified
noise, efficiency and stability requirements. The
following design considerations can improve
circuit performance:
1) Route the power stage adjacent to their
grounds. Aim to minimize the high-side switching
node (SW, inductor) trace lengths in the high-
current paths and the current sense resistor trace.
Keep the switching node short and away from all
small control signals, especially the feedback
network.
Place the input capacitor as close as possible to
the VIN and PGND pins. The local power input
capacitors, connected from the SYS to PGND,
must be placed as close as possible to the IC.
Place the output inductor close to the IC and
connect the output capacitor between the
inductor and PGND of the IC.
2) For high-current applications, the power pads
for IN, SYS, SW, BATT and PGND should be
connected to as many copper planes on the
board as possible. The exposed pad should
connect to as many GND copper planes in the
board as possible. This improves thermal
performance because the board conducts heat
away from the IC.
3) The PCB should have a ground plane
connected directly to the return of all components
through vias (e.g., two vias per capacitor for
power-stage capacitors, one via per capacitor for
small-signal components). If possible, add vias
inside the exposed pads for the IC. A star ground
design approach is typically used to keep circuit
block currents isolated (power-signal/control-
signal),
which
reduces
noise-coupling
and
ground-bounce issues. A single ground plane for
this design gives good results.
4) Place ISET, OLIM and ILIM resistors very
close to their respective IC pins.
Top Layer
Bottom Layer
Figure 13 PCB Layout Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com