Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16 Datasheet(PDF) 290 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 290 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 286Page - Microchip Technology PIC16 Datasheet HTML 287Page - Microchip Technology PIC16 Datasheet HTML 288Page - Microchip Technology PIC16 Datasheet HTML 289Page - Microchip Technology PIC16 Datasheet HTML 290Page - Microchip Technology PIC16 Datasheet HTML 291Page - Microchip Technology PIC16 Datasheet HTML 292Page - Microchip Technology PIC16 Datasheet HTML 293Page - Microchip Technology PIC16 Datasheet HTML 294Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 418 page
background image
FIGURE 25-2:
NCO – FIXED DUTY CYCLE (FDC) AND PULSE FREQUENCY MODE (PFM) OUTPUT OPERATION DIAGRAM
00000h
04000h
08000h
FC000h 00000h
04000h
08000h
FC000h 00000h
04000h
08000h
4000h
4000h
4000h
NCO_interrupt
NCOx Output
FDC Mode
NCOx Output
PF Mode
NCOxPWS =
NCOx Output
PF Mode
NCOxPWS =
NCOx
Accumulator
Value
NCOx
Increment
Value
NCOx
Clock
Source
000
00
NCO_overflow
Rev. 10-000 029A_A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com