Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16 Datasheet(PDF) 293 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 293 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 289Page - Microchip Technology PIC16 Datasheet HTML 290Page - Microchip Technology PIC16 Datasheet HTML 291Page - Microchip Technology PIC16 Datasheet HTML 292Page - Microchip Technology PIC16 Datasheet HTML 293Page - Microchip Technology PIC16 Datasheet HTML 294Page - Microchip Technology PIC16 Datasheet HTML 295Page - Microchip Technology PIC16 Datasheet HTML 296Page - Microchip Technology PIC16 Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 293
PIC16(L)F1508/9
REGISTER 25-6:
NCOxINCL: NCOx INCREMENT REGISTER – LOW BYTE(1)
REGISTER 25-7:
NCOxINCH: NCOx INCREMENT REGISTER – HIGH BYTE(1)
TABLE 25-1:
SUMMARY OF REGISTERS ASSOCIATED WITH NCOx
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-1/1
NCOxINC<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
NCOxINC<7:0>: NCOx Increment, Low Byte
Note 1:
Write the NCOxINCH register first, then the NCOxINCL register. See 25.1.4 “Increment Registers” for
more information.
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
NCOxINC<15:8>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-0
NCOxINC<15:8>: NCOx Increment, High Byte
Note 1:
Write the NCOxINCH register first, then the NCOxINCL register. See 25.1.4 “Increment Registers” for
more information.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
APFCON
—
—
—
SSSEL
T1GSEL
—
CLC1SEL
NCO1SEL
110
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
76
NCO1ACCH
NCO1ACC<15:8>
292
NCO1ACCL
NCO1ACC<7:0>
292
NCO1ACCU
—
NCO1ACC<19:16>
292
NCO1CLK
N1PWS<2:0>
—
—
—N1CKS<1:0>
291
NCO1CON
N1EN
N1OE
N1OUT
N1POL
—
—
—N1PFM
291
NCO1INCH
NCO1INC<15:8>
293
NCO1INCL
NCO1INC<7:0>
293
PIE2
OSFIE
C2IE
C1IE
—
BCL1IE
NCO1IE
—
—
78
PIR2
OSFIF
C2IF
C1IF
—
BCL1IF
NCO1IF
—
—
81
TRISA
—
—
TRISA5
TRISA4
—(1)
TRISA2
TRISA1
TRISA0
112
TRISC
TRISC7
TRISC6
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
120
Legend:
x = unknown, u = unchanged, — = unimplemented read as ‘0’, q = value depends on condition. Shaded cells are not
used for NCOx module.
Note 1:
Unimplemented, read as ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com