Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB13N80K5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STB13N80K5
Description  N-channel 800 V, 0.37, 12 A Zener-protected SuperMESH 5 Power MOSFET in D짼PAK, TO-220FP and TO-220 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13N80K5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STB13N80K5 Datasheet HTML 3Page - STMicroelectronics STB13N80K5 Datasheet HTML 4Page - STMicroelectronics STB13N80K5 Datasheet HTML 5Page - STMicroelectronics STB13N80K5 Datasheet HTML 6Page - STMicroelectronics STB13N80K5 Datasheet HTML 7Page - STMicroelectronics STB13N80K5 Datasheet HTML 8Page - STMicroelectronics STB13N80K5 Datasheet HTML 9Page - STMicroelectronics STB13N80K5 Datasheet HTML 10Page - STMicroelectronics STB13N80K5 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID024348 Rev 3
7/20
STB13N80K5, STF13N80K5, STP13N80K5
Electrical characteristics
Figure 8. Output characteristics
Figure 9. Transfer characteristics
Figure 10. Normalized BVDSS vs temperature
Figure 11. Static drain-source on-resistance
Figure 12. Gate charge vs gate-source voltage
Figure 13. Capacitance variations
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
20
25
6V
7V
8V
VGS=11V
9V
30
10V
AM15690v1
ID
15
10
5
0
4
6
VGS(V)
8
(A)
5
7
20
25
30
VDS=20V
9
10
AM15691v1
BVDSS
-100
TJ(°C)
(norm)
-50
50
0
100
0.85
0.9
0.95
1
1.05
ID=1mA
150
1.1
AM15699v1
RDS(on)
0.3
0.2
0.1
0
2
6
ID(A)
(
Ω)
4
8
0.4
0.5
0.6
VGS=10V
10
12
0.7
0.8
AM15693v1
VGS
6
4
2
0
0
5
Qg(nC)
(V)
20
8
10
15
10
25
12
600
400
200
0
700
VDS
VGS
300
500
100
30
AM15692v1
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
1000
AM15694v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com