Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB13N80K5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB13N80K5
Description  N-channel 800 V, 0.37, 12 A Zener-protected SuperMESH 5 Power MOSFET in D짼PAK, TO-220FP and TO-220 packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB13N80K5 Datasheet(HTML) 5 Page - STMicroelectronics

  STB13N80K5 Datasheet HTML 1Page - STMicroelectronics STB13N80K5 Datasheet HTML 2Page - STMicroelectronics STB13N80K5 Datasheet HTML 3Page - STMicroelectronics STB13N80K5 Datasheet HTML 4Page - STMicroelectronics STB13N80K5 Datasheet HTML 5Page - STMicroelectronics STB13N80K5 Datasheet HTML 6Page - STMicroelectronics STB13N80K5 Datasheet HTML 7Page - STMicroelectronics STB13N80K5 Datasheet HTML 8Page - STMicroelectronics STB13N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
DocID024348 Rev 3
5/20
STB13N80K5, STF13N80K5, STP13N80K5
Electrical characteristics
The built-in back-to-back Zener diodes have been specifically designed to enhance not only
the device’s ESD capability, but also to make them capable of safely absorbing any voltage
transients that may occasionally be applied from gate to source. In this respect, the Zener
voltage is appropriate to achieve efficient and cost-effective protection of device integrity.
The integrated Zener diodes thus eliminate the need for external components.
Table 6. Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay time
VDD = 400 V, ID = 6A,
RG=4.7 Ω, VGS=10 V
(see Figure 22)
-16
-
ns
tr
Rise time
-
16
-
ns
td(off)
Turn-off delay time
-
42
-
ns
tf
Fall time
-
16
-
ns
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
14
A
ISDM
Source-drain current (pulsed)
-
56
A
VSD
(1)
1.
Pulsed: pulse duration = 300µs, duty cycle 1.5%
Forward on voltage
ISD= 12 A, VGS=0
-
1.5
V
trr
Reverse recovery time
ISD= 12 A, VDD= 60 V
di/dt = 100 A/µs,
(see Figure 21)
-
406
ns
Qrr
Reverse recovery charge
-
5.7
µC
IRRM
Reverse recovery current
-
28
A
trr
Reverse recovery time
ISD= 12 A,VDD= 60 V
di/dt=100 A/µs,
Tj=150 °C
(see Figure 21)
-
600
ns
Qrr
Reverse recovery charge
-
7.9
µC
IRRM
Reverse recovery current
-
26
A
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
V(BR)GSO Gate-source breakdown voltage IGS= ± 1mA, ID= 0
30
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com