Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3301GJ Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3301GJ
Description  1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3301GJ Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3301GJ Datasheet HTML 3Page - Monolithic Power Systems MP3301GJ Datasheet HTML 4Page - Monolithic Power Systems MP3301GJ Datasheet HTML 5Page - Monolithic Power Systems MP3301GJ Datasheet HTML 6Page - Monolithic Power Systems MP3301GJ Datasheet HTML 7Page - Monolithic Power Systems MP3301GJ Datasheet HTML 8Page - Monolithic Power Systems MP3301GJ Datasheet HTML 9Page - Monolithic Power Systems MP3301GJ Datasheet HTML 10Page - Monolithic Power Systems MP3301GJ Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MP3301
—1.3MHZ, 700MA, FIXED-FREQUENCY, STEP-UP DRIVER FOR WHITE LEDS
MP3301 Rev. 1.01
www.MonolithicPower.com
8
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
LED Current Programming
Applying a DC voltage between 0.7V and 1.4V
to
EN
pin
programs
a
feedback
voltage
between 0V and 200mV for analog dimming of
LED current. Locally bypass the DC dimming
voltage to limit noise on the feedback reference.
PWM Dimming
Apply a 200Hz-to-1kHz square waveform to the
EN pin to implement PWM dimming. Use a
PWM amplitude of at least 1.5V.
For high-frequency PWM dimming (>1kHz),
implement the dimming control shown in Figure
3.
Select the RC filter’s cut-off frequency
10
PWM
f
. For example, for a PWM frequency of
20kHz,
use
a 20kΩ resistor and 100nF
capacitor. Then
PWM
high
_
PWM
EN
D
V
V
Where VEN is the EN pin’s DC voltage VPWM_high
is the PWM high level voltage, and DPWM is the
PWM duty cycle. A DC voltage from 0.7V to
1.4V programs the output current from 0% to
100%.
Figure 3: Control Circuit for High-Frequency
PWM Dimming
Open-Load Protection
Open-load protection shuts off the MP3301 if
the output voltage goes too high. In cases
where an LED may fail, this results in a zero
feedback
voltage.
The
part
runs
at
the
maximum duty cycle to continue increasing the
output voltage. If the output exceeds 42V, the
MP3301 will shut down. The part will not switch
on again until the device undergoes a power
cycle.
Layout Considerations
PCB layout requires care to prevent noise and
electromagnetic interference from the high-
frequency switching paths. Make the current
loop from the IC, output diode, and the output
capacitor as short as possible.
Locally bypass the IN pin, and use an RC filter
when possible to eliminate noise on the IN pin.
See Figure 4 for an implementation example.
Figure 4: Input Bias Filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com