Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3301GJ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3301GJ
Description  1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3301GJ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3301GJ Datasheet HTML 1Page - Monolithic Power Systems MP3301GJ Datasheet HTML 2Page - Monolithic Power Systems MP3301GJ Datasheet HTML 3Page - Monolithic Power Systems MP3301GJ Datasheet HTML 4Page - Monolithic Power Systems MP3301GJ Datasheet HTML 5Page - Monolithic Power Systems MP3301GJ Datasheet HTML 6Page - Monolithic Power Systems MP3301GJ Datasheet HTML 7Page - Monolithic Power Systems MP3301GJ Datasheet HTML 8Page - Monolithic Power Systems MP3301GJ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP3301
1.3MHz, 700mA, Fixed-Frequency
Step-Up Driver for up to 10 White LEDS
MP3301 Rev. 1.01
www.MonolithicPower.com
1
10/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The MP3301 is a step-up converter designed to
drive WLEDS arrays from a single-cell, lithium-ion
battery. The MP3301 uses a current-mode, fixed-
frequency architecture to regulate the LED
current, which is measured through an external
current sense resistor. Its low 200mV feedback
voltage
reduces
power
loss
and
improves
efficiency. The MP3301 turns off in the presence
of an open-circuit over-voltage condition.
The MP3301 includes under-voltage lockout,
current limiting, and thermal-overload protection
to prevent damage in the event of an output
overload.
The MP3301 is available in a small 5-pin TSOT23
package.
FEATURES
 Internal Power MOSFET
 Drives up to 10 White LEDs in Series
 Up to 89% Efficiency
 PWM and Analog Dimming
 1.3MHz Fixed Switching Frequency
 Low 200mV Feedback Voltage
 Internal 700mA Current Limit
 Open-Load Shutdown
 UVLO, Thermal Shutdown
 Available in TSOT23-5 Packages
APPLICATIONS
 Smart Phones
 Digital Still Cameras
 Small LCDs
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“Monolithic Power
Systems”, “MPS”, and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
MP3301
En/Dim
L
D
Cin
Cout
Rsense
IN
SW
FB
GND
EN
LED


Similar Part No. - MP3301GJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP330 ETC2-MP330 Datasheet
107Kb / 1P
Power Film Resistors
logo
Monolithic Power System...
MP3302 MPS-MP3302 Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DD MPS-MP3302DD Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
MP3302DD MPS-MP3302DD Datasheet
156Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
MP3302DG MPS-MP3302DG Datasheet
178Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3301GJ

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5121 GMT-G5121 Datasheet
579Kb / 9P
Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
Fixed Frequency White LED Step-Up Converter
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
40V Step-Up Converter for 4 to 10 White LEDs
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
Up to 700mA | Step Up LED Driver
logo
Anpec Electronics Corop...
APW7215 ANPEC-APW7215 Datasheet
350Kb / 17P
Fixed 600kHz Step-UP Converter for White LEDs
logo
AIMTEC
AMLBW-Z AIMTEC-AMLBW-Z_16 Datasheet
209Kb / 8P
Up to 700mA | Step Up LED Driver
logo
Anpec Electronics Corop...
APW7215 ANPEC-APW7215_15 Datasheet
920Kb / 17P
Fixed 600kHz Step-UP Converter for White LEDs
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
Fixed 600kHz Step-UP Converter for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com