Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3305 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3305
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3305 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3305 Datasheet HTML 1Page - Monolithic Power Systems MP3305 Datasheet HTML 2Page - Monolithic Power Systems MP3305 Datasheet HTML 3Page - Monolithic Power Systems MP3305 Datasheet HTML 4Page - Monolithic Power Systems MP3305 Datasheet HTML 5Page - Monolithic Power Systems MP3305 Datasheet HTML 6Page - Monolithic Power Systems MP3305 Datasheet HTML 7Page - Monolithic Power Systems MP3305 Datasheet HTML 8Page - Monolithic Power Systems MP3305 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP3305 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING & ADJUST OVP
MP3305 Rev. 1.0
www.MonolithicPower.com
4
4/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN8
Pin #
Name
Pin Function
1
SW
Power Switch Output. SW is the drain of the internal MOSFET switch. Connect the power
inductor and output rectifier to SW. SW can swing between GND and 36V.
2,8
GND,
Exposed
Pad
Ground. Connect exposed pad to GND plane for proper thermal performance.
3
IN
Input Supply Pin. Must be locally bypassed.
4
OVP
Open Load Protection Adjusting pin. Connect a resistor divider from output to this pin to
adjust the OVP threshold. When this pin voltage reaches the shutdown threshold 0.9V, the
switch will be turned off
5
EN
ON/OFF Control and Dimming Command Input. Holding EN pin low for more than 5ms will
turn the part off. To use PWM dimming, add a 250Hz to 50KHz square wave signal to this
pin.
6
LED
LED Current Input. This pin is the open-drain output of an internal dimming control switch.
Connect the LED cathode to this pin.
7
ISET
LED Current Set. This pin is the source output of an internal dimming control switch. The
MP3305 regulates the voltage across the current setting resistor. Tie a current setting
resistor from this pin to ground. The regulation voltage is 200mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com