Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3305 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3305
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3305 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3305 Datasheet HTML 3Page - Monolithic Power Systems MP3305 Datasheet HTML 4Page - Monolithic Power Systems MP3305 Datasheet HTML 5Page - Monolithic Power Systems MP3305 Datasheet HTML 6Page - Monolithic Power Systems MP3305 Datasheet HTML 7Page - Monolithic Power Systems MP3305 Datasheet HTML 8Page - Monolithic Power Systems MP3305 Datasheet HTML 9Page - Monolithic Power Systems MP3305 Datasheet HTML 10Page - Monolithic Power Systems MP3305 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP3305 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING & ADJUST OVP
MP3305 Rev. 1.0
www.MonolithicPower.com
7
4/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Enable/
Dimming
Control
MP3305
VIN
5V
MBR0520
C2
C1
IN
EN
GND
LED
ISET
OVP
SW
Figure 2—Circuit for Driving 10 Strings of 3 WLEDs
A typical application circuit can be seen in Figure
2. The 10 strings of 3 white LEDs can be driven
from a 5V at an output current of 200mA. A 2.2µF
output capacitor is sufficient for most applications.
A 2.2µH inductor with low DCR (Inductor DC
resistance)
is
recommended
to
improve
efficiency.
A
10µF
ceramic
capacitor
is
recommended for the input capacitance in the
real system. Schottky diodes have fast recovery
and a low forward voltage are recommended.
Schottky diodes rated with 500mA are sufficient
for the MP3305. The MP3305 has internal soft-
start to limit the amount of current through VIN at
startup and to also limit the amount of overshoot
on the output.
The ramped voltage that is added to the current
sense amplifier reduces the current output as the
duty cycle increases. As more LEDs are added,
the output voltage rises but the current that can
be delivered to the load is reduced as well.
Setting the LED Current
The LED current is controlled by the current
setting resistor, R1. The current through the
LEDs is given by: ILED =200mV/R1.
Table 1 shows the selection of resistors for a
given LED current.
Table 1—ILED vs. R1
ILED (mA)
R1 (Ω)
1
200
5
40
10
20
20
10
60
3.33
180
1.11
200
1
PWM Dimming
Apply a 250Hz to 50kHz square waveform to the
EN pin to implement PWM dimming of the LEDs.
The minimum recommended amplitude of the
PWM signal is 2V.
Open Load Protection
Open Load protection will shut off the MP3305 if
the output voltage goes too high. In some cases
an LED may fail, this will result in the feedback
voltage always being zero. The part will run at
maximum duty cycle boosting the output voltage
higher and higher. If the output voltage ever
exceeds
the
adjusted
OVP
threshold
(
+
OV
R2
V =0.9V(1
)
R3
), the MP3305 will shut down.
The part will not switch again until the power is
recycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com