Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3391EF Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3391EF
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EF Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3391EF Datasheet HTML 3Page - Monolithic Power Systems MP3391EF Datasheet HTML 4Page - Monolithic Power Systems MP3391EF Datasheet HTML 5Page - Monolithic Power Systems MP3391EF Datasheet HTML 6Page - Monolithic Power Systems MP3391EF Datasheet HTML 7Page - Monolithic Power Systems MP3391EF Datasheet HTML 8Page - Monolithic Power Systems MP3391EF Datasheet HTML 9Page - Monolithic Power Systems MP3391EF Datasheet HTML 10Page - Monolithic Power Systems MP3391EF Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
7
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
Pin #
Name
Description
16
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 4 cathode to this pin.
17
LED5
LED String 5 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 5 cathode to this pin.
18
LED6
LED String 6 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 6 cathode to this pin.
19
LED7
LED String 7 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 7 cathode to this pin.
20
LED8
LED String 8 Current Input. This pin is the open-drain output of an internal dimming
control switch. Connect the LED String 8 cathode to this pin.
21
NUMSEL
Number of LED String Selection. Set this pin high enables the 6 strings (LED1~LED6)
operation. Pull this pin low enables the 4 strings (LED1~LED4) operation. Float this pin
enables the 8 strings operation.
22
OVP
Over-voltage Protection Input. Connect a resistor divider from output to this pin to
program the OVP threshold. When this pin voltage reaches 1.24V, the MP3391 triggers
Over Voltage Protection mode.
23
PGND
Step-up Converter Power Ground.
24
ISENSE
Current Sense Input. During normal operation, this pin senses the voltage across the
external inductor current sensing resistor for peak current mode control and also to limit
the inductor current during every switching cycle.
25
GATE
Step-up Converter Power Switch Gate Output. This pin drives the external power N-MOS
device.
26
FF
Fault Flag. It is the drain of internal N-channel MOSFET. When open/short protection is
triggered, the FF pin is pulled to GND.
27
VFAULT
Fault Disconnection Switch Driver Output. When the system starts up normally, this pin
turns on the external PMOS. When the Vout is shorted to GND or MP3391 is disabled,
the external PMOS is turned off to disconnect the input and output.
28
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com