Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3391EF Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3391EF
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EF Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3391EF Datasheet HTML 4Page - Monolithic Power Systems MP3391EF Datasheet HTML 5Page - Monolithic Power Systems MP3391EF Datasheet HTML 6Page - Monolithic Power Systems MP3391EF Datasheet HTML 7Page - Monolithic Power Systems MP3391EF Datasheet HTML 8Page - Monolithic Power Systems MP3391EF Datasheet HTML 9Page - Monolithic Power Systems MP3391EF Datasheet HTML 10Page - Monolithic Power Systems MP3391EF Datasheet HTML 11Page - Monolithic Power Systems MP3391EF Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
8
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN =15V, 14 LEDs in series, 8 strings parallel, 60mA/string, unless otherwise noted.
VSW
20V/div.
VOUT
20V/div.
ILED
200mA/div.
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
Steady State
VIN
10V/div.
Vin Startup
Ven Startup
External PWM Dimming
fPWM = 200Hz, DPWM = 50%
DC Burst Dimming
CBOSC = 2.2nF, VPWMI = 0.7V
Open LED Protection
open all LED strings at working
Short LED Protection
short VOUT to LEDx at working
Short LED Protection
short VOUT to GND at working
0.83
0.85
0.87
0.89
0.91
0.93
0.95
0.97
510
15
20
25
30
35
VIN (V)
Efficiency vs.
Input Voltage
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
VEN
5V/div.
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
VPWM
5V/div.
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
BOSC
500mV/div.
VSW
20V/div.
VOUT
20V/div.
ILED
500mA/div.
FF
5V/div.
VSW
20V/div.
VLED1
20V/div.
ILED
500mA/div.
FF
5V/div.
VSW
20V/div.
VOUT
20V/div.
VFAULT
10V/div.
Iinductor
10A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com