Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3394 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3394
Description  Step-up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3394 Datasheet HTML 1Page - Monolithic Power Systems MP3394 Datasheet HTML 2Page - Monolithic Power Systems MP3394 Datasheet HTML 3Page - Monolithic Power Systems MP3394 Datasheet HTML 4Page - Monolithic Power Systems MP3394 Datasheet HTML 5Page - Monolithic Power Systems MP3394 Datasheet HTML 6Page - Monolithic Power Systems MP3394 Datasheet HTML 7Page - Monolithic Power Systems MP3394 Datasheet HTML 8Page - Monolithic Power Systems MP3394 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP3394—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394 Rev. 1.07
www.MonolithicPower.com
3
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =12V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
5
28
V
Supply Current (Quiescent)
IQ
VIN=12V, VEN=5V, no load with
switching
4
mA
Supply Current (Shutdown)
IST
VEN=0V, VIN=12V
2
μA
LDO Output Voltage
VCC
VEN=5V,
7V<VIN<28V,
0<IVCC<10mA
5.5
6
6.5
V
Input UVLO Threshold
VIN_UVLO
Rising Edge
3.8
4.2
4.6
V
Input UVLO Hysteresis
200
mV
EN High Voltage
VEN_HIGH
VEN Rising
1.8
V
EN Low Voltage
VEN_LOW
VEN Falling
0.6
V
STEP-UP CONVERTER
Gate
Driver
Impedance
(Sourcing)
VCC=6V,VGATE=6V
4
Ω
Gate
Driver
Impedance
(Sinking)
VCC=6V,IGATE=10mA
2
Ω
ROSC= 115kΩ
480
540
600
kHz
Switching Frequency
fSW
ROSC= 374kΩ
145
165
185
kHz
OSC Voltage
VOSC
1.20
1.23
1.26
V
Minimum On Time
TON_MIN
PWM Mode,
when no pulse skipping happens
100
ns
Maximum Duty Cycle
DMAX
90
%
ISENSE Limit
Max Duty Cycle
150
200
250
mV
COMP Source Current Limit
ICOMP SOLI
65
μA
COMP Sink Current Limit
ICOMP SILI
15
μA
PWM DIMMING
DBRT Leakage Current
IDBRT_LK
-5
5
μA
BOSC Frequency
FBOSC
CBOSC=2.2nF
1.0
1.5
2
kHz
BOSC Output Current
IBOSC
6
7.5
9
μA
LED CURRENT REGULATION
ISET Voltage
VISET
1.20
1.23
1.25
V
LEDX Average Current
ILED
RISET=30kΩ
31
32
33
mA
Current Matching
(5)
ILED=32mA
2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com