Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3394 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3394
Description  Step-up, 4-String Max 200mA/String White LED Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3394 Datasheet HTML 1Page - Monolithic Power Systems MP3394 Datasheet HTML 2Page - Monolithic Power Systems MP3394 Datasheet HTML 3Page - Monolithic Power Systems MP3394 Datasheet HTML 4Page - Monolithic Power Systems MP3394 Datasheet HTML 5Page - Monolithic Power Systems MP3394 Datasheet HTML 6Page - Monolithic Power Systems MP3394 Datasheet HTML 7Page - Monolithic Power Systems MP3394 Datasheet HTML 8Page - Monolithic Power Systems MP3394 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP3394—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394 Rev. 1.07
www.MonolithicPower.com
4
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN =12V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LEDX Regulation Voltage
VLEDX
ILED=32mA
350
mV
PROTECTION
OVP(Over Voltage Protection)
Threshold
VOVP_OV
Rising Edge
1.20
1.23
1.26
V
OVP UVLO threshold
VOVP_UV
Step-up Converter Fails
50
70
90
mV
LEDX UVLO Threshold
VLEDX_UV
156
196
236
mV
LEDX Over Voltage Threshold
VLEDX_OV
5.8
6.3
6.8
V
Thermal Shutdown Threshold
TST
150
℃
Notes:
5) Matching is defined as the difference of the maximum to minimum current divided by 2 times average currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com