Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4031GS Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4031GS
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 8Page - Monolithic Power Systems MP4031GS Datasheet HTML 9Page - Monolithic Power Systems MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems MP4031GS Datasheet HTML 15Page - Monolithic Power Systems MP4031GS Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
12
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP4031 is a TRIAC and analog dimmable,
primary-side–controlled, offline LED controller
designed for high-performance LED lighting. The
MP4031 can accurately control the LED current
using the real-current–control method based on
primary-side information. It can also achieve a
high power factor to eliminate noise pollution on
the AC line. The integrated VCC charging circuit
can achieve fast start-up without any perceptible
delay. The MP4031 is suitable for TRIAC-based
dimming with an extended dimming range. And
the
special
current
sense
structure
can
implement analog dimming.
Boundary-Conduction Mode
During the external MOSFET ON time (τON), the
rectified input voltage applied across the primary-
side inductor (Lm) increases the primary current
increases linearly from zero to the peak value
(Ipk). When the external MOSFET turns off, the
energy stored in the inductor forces the
secondary-side diode to turn on, and the inductor
current decreases linearly from the peak value to
zero. When the current decreases to zero, the
parasitic resonance caused by the inductor and
the combined parasitic capacitances decreases
the MOSFET drain-source voltage that is also
reflected on the auxiliary winding (see Figure 2).
The zero-current detector generates the external
MOSFET turn-on signal when the ZCD voltage
falls below 0.35V after a blanking time and
ensures the MOSFET turns on at a relatively low
voltage (see Figure 3).
VDS
VBUS +NVOUT
Ipri
t off
t on
turn-on
VZCD
0
Inductor
current
Isec/N
VBUS
Ipk
Figure 2: Boundary-Conduction Mode
+
Vcc
ZCD
Auxiliary Winding
RZCD1
0.35V
RZCD2
CZCD
Figure 3: Zero-Current Detector
As a result, there are virtually no primary-switch
turn-on losses and no secondary-diode reverse-
recovery losses. This ensures high efficiency and
low EMI noise.
Real-Current Control
The
proprietary
real-current–control
method
allows the MP4031 to control the secondary-side
LED current based on primary-side information.
The output LED mean current can be calculated
approximately as:
FB
o
s
NV
I
2R
⋅
≈
⋅



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com