Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4031GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4031GS
Description  TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4031GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4031GS Datasheet HTML 10Page - Monolithic Power Systems MP4031GS Datasheet HTML 11Page - Monolithic Power Systems MP4031GS Datasheet HTML 12Page - Monolithic Power Systems MP4031GS Datasheet HTML 13Page - Monolithic Power Systems MP4031GS Datasheet HTML 14Page - Monolithic Power Systems MP4031GS Datasheet HTML 15Page - Monolithic Power Systems MP4031GS Datasheet HTML 16Page - Monolithic Power Systems MP4031GS Datasheet HTML 17Page - Monolithic Power Systems MP4031GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
MP4031—PRIMARY-SIDE–CONTROLLED, OFFLINE LED CONTROLLER WITH PFC
MP4031 Rev.1.03
www.MonolithicPower.com
14
5/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Leading-Edge Blanking
In order to avoid premature switching-pulse
termination due to the parasitic capacitances
discharging when the MOSFET turns on, an
internal
leading-edge
blanking
(LEB)
unit
between the S pin and the current-comparator
input blocks the path from the S pin to the current
comparator input during the blanking time. Figure
7 shows the leading-edge blanking.
TLEB= 450nS
VS
t
Figure 7: Leading-Edge Blanking
Output Over-Voltage Protection (OVP)
Output over-voltage protection (OVP) prevents
component damage from over-voltage conditions.
The auxiliary winding voltage’s positive plateau is
proportional to the output voltage, and the OVP
monitors this auxiliary winding voltage instead of
directly monitoring the output voltage as shown in
Figure 8. Once the ZCD pin voltage exceeds
5.5V, the OVP signal triggers and latches, the
gate driver turns off, and the IC functions in
quiescent mode. When the VCC voltage drops
below the UVLO threshold, the IC shuts down
and the system restarts. The output OVP set
point can be calculated as:
aux
ZCD2
out _ ovp
sec
ZCD1
ZCD2
NR
V5.5
NR
R
⋅⋅
=
+
Where:
Vout-ovp is the output OVP threshold,
Naux is the number of auxiliary winding turns, and
Nsec is the number of secondary winding turns
+
2uS
Blanking
Vcc
ZCD
Auxiliary Winding
RZCD1
OVP
signal
5.5V
Latch
RZCD2
CZCD
Figure 8: OVP Sampling Circuit
To avoid switch-on spikes mis-triggering OVP,
OVP sampling has a τOVPS blanking period of
around 2µs, as shown in Figure 9.
VZCD
0V
T
OVPS
Sampling Here
Figure 9: ZCD Voltage and OVP Sampling
Overload Protection (OLP)
In the event of an output overload, the COMP
voltage rises. When the voltage reaches 5V, the
IC will shut down and restart until VCC drops
below UVLO.
Thermal Shutdown
To prevent internal temperatures from exceeding
150°C and causing lethal thermal damage, the
MP4031 shuts down the switching cycle and
latched until VCC dropping below UVLO and
restarts again.
TRIAC-Based Dimming Control
The MP4031 can be used in TRIAC-based
dimming application with the CS pin connected
directly to the S pin. The TRIAC dimmer usually
consists of a bi-directional SCR with an
adjustable turn-on phase. Figure 10 shows the
leading-edge TRIAC dimmer waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com