Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F322T-IMCSQTP Datasheet(PDF) 72 Page - Microchip Technology

Part # PIC10F322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-IMCSQTP Datasheet(HTML) 72 Page - Microchip Technology

Back Button PIC10F322T-IMCSQTP Datasheet HTML 68Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 69Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 70Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 71Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 72Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 73Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 74Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 75Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 72
Preliminary
 2011 Microchip Technology Inc.
REGISTER 9-5:
PMCON1: PROGRAM MEMORY CONTROL 1 REGISTER
U-1(1)
R/W-0/0
R/W-0/0
R/W/HC-0/0 R/W/HC-0/q(2)
R/W-0/0
R/S/HC-0/0
R/S/HC-0/0
—
CFGS
LWLO
FREE
WRERR
WREN
WR
RD
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
S = Bit can only be set
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
HC = Bit is cleared by hardware
bit 7
Unimplemented:
Read as ‘1’
bit 6
CFGS:
Configuration Select bit
1
= Access Configuration, User ID and Device ID Registers
0
= Access Flash program memory
bit 5
LWLO:
Load Write Latches Only bit(3)
1
= Only the addressed program memory write latch is loaded/updated on the next WR command
0
= The addressed program memory write latch is loaded/updated and a write of all program memory
write latches will be initiated on the next WR command
bit 4
FREE:
Program Flash Erase Enable bit
1
= Performs an erase operation on the next WR command (hardware cleared upon completion)
0
= Performs an write operation on the next WR command
bit 3
WRERR:
Program/Erase Error Flag bit
1
= Condition indicates an improper program or erase sequence attempt or termination (bit is set
automatically on any set attempt (write ‘1’) of the WR bit).
0
= The program or erase operation completed normally.
bit 2
WREN:
Program/Erase Enable bit
1
= Allows program/erase cycles
0
= Inhibits programming/erasing of program Flash
bit 1
WR:
Write Control bit
1
= Initiates a program Flash program/erase operation.
The operation is self-timed and the bit is cleared by hardware once operation is complete.
The WR bit can only be set (not cleared) in software.
0
= Program/erase operation to the Flash is complete and inactive.
bit 0
RD:
Read Control bit
1
= Initiates a program Flash read. Read takes one cycle. RD is cleared in hardware. The RD bit can
only be set (not cleared) in software.
0
= Does not initiate a program Flash read.
Note 1:
Unimplemented bit, read as ‘1’.
2:
The WRERR bit is automatically set by hardware when a program memory write or erase operation is started
(WR = 1).
3:
The LWLO bit is ignored during a program memory erase operation (FREE = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com