Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC10F322T-IMCSQTP Datasheet(PDF) 78 Page - Microchip Technology

Part # PIC10F322T-IMCSQTP
Description  6/8-Pin, High-Performance, Flash Microcontrollers
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F322T-IMCSQTP Datasheet(HTML) 78 Page - Microchip Technology

Back Button PIC10F322T-IMCSQTP Datasheet HTML 74Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 75Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 76Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 77Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 78Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 79Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 80Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 81Page - Microchip Technology PIC10F322T-IMCSQTP Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 210 page
background image
PIC10(L)F320/322
DS41585A-page 78
Preliminary
 2011 Microchip Technology Inc.
REGISTER 10-3:
LATA: PORTA DATA LATCH REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-x/u
R/W-x/u
R/W-x/u
—
—
—
—
—
LATA2
LATA1
LATA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-3
Unimplemented
: Read as ‘0’
bit 2-0
LATA<2:0>:
RA<2:0> Output Latch Value bits
Note 1:
Writes to PORTx are actually written to the corresponding LATx register. Reads from LATx register return
register values, not I/O pin values.
REGISTER 10-4:
ANSELA: PORTA ANALOG SELECT REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-1/1
R/W-1/1
R/W-1/1
—
—
—
—
—
ANSA2
ANSA1
ANSA0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-3
Unimplemented:
Read as ‘0’
bit 2-0
ANSA<2:0>
: Analog Select between Analog or Digital Function on Pins RA<2:0>, respectively
1
= Analog input. Pin is assigned as analog input(1). Digital Input buffer disabled.
0
= Digital I/O. Pin is assigned to port or Digital special function.
Note 1:
Setting a pin to an analog input automatically disables the digital input circuitry. Weak pull-ups, if
available, are unaffected. The corresponding TRIS bit must be set to Input mode by the user in order to
allow external control of the voltage on the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com