Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP69 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BCP69
Description  NPN medium power transistor 20 V, 1 A
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 3Page - NXP Semiconductors BCP69 Datasheet HTML 4Page - NXP Semiconductors BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors BCP69 Datasheet HTML 10Page - NXP Semiconductors BCP69 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
2003 Nov 25
7
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
handbook, halfpage
IC
(A)
01
2
4
5
VCE (V)
3
MDB848
2.4
1.6
2.0
1.2
0.8
0.4
0
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
Fig.4
Collector current as a function of
collector-emitter voltage; typical values.
(1) IB = 10 mA.
(2) IB = 9 mA.
(3) IB = 8 mA.
(4) IB = 7 mA.
(5) IB = 6 mA.
(6) IB = 5 mA.
(7) IB = 4 mA.
(8) IB = 3 mA.
(9) IB = 2 mA.
(10) IB = 1 mA.
Tamb = 25 °C.
handbook, halfpage
200
400
800
600
1000
VBE
(mV)
MDB849
0
IC (mA)
10−1
110
102
103
104
Fig.5
Base-emitter voltage as a function of
collector current; typical values.
VBE/VCE = 1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com