Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4350 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4350
Description  2.5A, 4MHz, 20V Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4350 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4350 Datasheet HTML 1Page - Monolithic Power Systems MP4350 Datasheet HTML 2Page - Monolithic Power Systems MP4350 Datasheet HTML 3Page - Monolithic Power Systems MP4350 Datasheet HTML 4Page - Monolithic Power Systems MP4350 Datasheet HTML 5Page - Monolithic Power Systems MP4350 Datasheet HTML 6Page - Monolithic Power Systems MP4350 Datasheet HTML 7Page - Monolithic Power Systems MP4350 Datasheet HTML 8Page - Monolithic Power Systems MP4350 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP4350 – 2.5A, 4MHz, 20V STEP-DOWN CONVERTER
MP4350 Rev. 1.0
www.MonolithicPower.com
3
5/26/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1, 2
SW
Switch Node. This is the output from the high-side switch. A low forward drop Schottky diode to
ground is required. The diode must be close to the SW pins to reduce switching spikes.
3
EN
Enable Input. Pulling this pin below the specified threshold shuts the chip down. Pulling it up
above the specified threshold or leaving it floating enables the chip.
4
COMP
Compensation. This node is the output of the error amplifier. Control loop frequency
compensation is applied to this pin.
5
FB
Feedback. This is the input to the error amplifier. An external resistive divider connected
between the output and GND which scales down VOUT equal to the internal +0.8V reference.
6
GND
Ground. It should be connected as close as possible to the output capacitor to shorten the high
current switch paths.
7
FREQ
Switching Frequency Program Input. Connect a resistor from this pin to ground to set the
switching frequency.
8, 9
VIN
Input Supply. This supplies power to all the internal control circuitry, including the bootstrap
regulator and the high-side switch. A decoupling capacitor to ground must be placed close to
this pin to minimize switching spikes.
10
BST
Bootstrap. This is the positive power supply for the internal floating high-side MOSFET driver.
Connect a bypass capacitor between this pin and SW pin.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, C1 = 10µF, C2 = 22µF, L = 10µH and TA = +25°C, unless otherwise noted.
Efficiency vs
Load Current
100
90
80
70
60
50
40
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=2.5V
VIN=12V
VIN=5V
VSW
10V/div.
VOUT
AC Coupled
10mV/div.
IL
1A/div.
VSW
10V/div.
VOUT
AC Coupled
20mV/div.
IL
1A/div.
Steady State
IOUT = 0.1A
Steady State
IOUT = 1A
Efficiency vs
Load Current
100
90
80
70
60
50
40
0
0.5
1.0
1.5
2.0
2.5
LOAD CURRENT (A)
VOUT=5V
VIN=12V
Steady State
IOUT = 2A
VSW
10V/div.
VOUT
AC Coupled
10mV/div.
IL
1A/div.
Oscillating Frequency
vs Rfreq
4000
3500
3000
2500
2000
1500
1000
500
0
10
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com